Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX4202 Datasheet (PDF) - Maxim Integrated Products

MAX4202 Datasheet PDF - Maxim Integrated Products
Part # MAX4202
Download  MAX4202 Download
File Size   34.7 Kbytes
Page   4 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 780MHz -3dB Bandwidth, 280MHz 0.1dB Gain Flatness, Excellent Capacitive-Load-Driving Capability

MAX4202 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX4202 Datasheet PDF - Maxim Integrated Products

Part # MAX4202
Download  MAX4202 Click to download

File Size   34.7 Kbytes
Page   4 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 780MHz -3dB Bandwidth, 280MHz 0.1dB Gain Flatness, Excellent Capacitive-Load-Driving Capability

MAX4202 Datasheet (HTML) - Maxim Integrated Products


MAX4202 Product details

General Description
The MAX4200–MAX4205 are ultra-high-speed, open loop buffers featuring high slew rate, high output current, low noise, and excellent capacitive-load-driving capability. The MAX4200/MAX4201/MAX4202 are single buffers, while the MAX4203/MAX4204/MAX4205 are dual buffers. The MAX4201/MAX4204 have  integrated 50Ω termination resistors, making them ideal for driving 50Ω transmission lines. The MAX4202/MAX4205 include 75Ω back-termination resistors for driving 75Ω transmission lines. The MAX4200/MAX4203 have no internal termination resistors

Features
♦ 2.2mA Supply Current
♦ High Speed
   780MHz -3dB Bandwidth (MAX4201/MAX4202)
   280MHz 0.1dB Gain Flatness (MAX4201/MAX4202)
   4200V/µs Slew Rate
♦ Low 2.1nV/√Hz Voltage-Noise Density
♦ Low 0.8pA/√Hz Current-Noise Density
♦ High ±90mA Output Drive (MAX4200/MAX4203)
♦ Excellent Capacitive-Load-Driving Capability
♦ Available in Space-Saving SOT23 or µMAX Packages




Similar Part No. - MAX4202

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4202ESA MAXIM-MAX4202ESA Datasheet
176Kb / 12P
Ultra-High-Speed, Low-Noise, Low-Power, SOT23 Open-Loop Buffers
Rev 2; 4/99
MAX4202ESA MAXIM-MAX4202ESA Datasheet
2Mb / 13P
Ultra-High-Speed, Low-Noise, Low-Power, SOT23 Open-Loop Buffers
2017
MAX4202EUK-T MAXIM-MAX4202EUK-T Datasheet
176Kb / 12P
Ultra-High-Speed, Low-Noise, Low-Power, SOT23 Open-Loop Buffers
Rev 2; 4/99
MAX4202EUK-T MAXIM-MAX4202EUK-T Datasheet
2Mb / 13P
Ultra-High-Speed, Low-Noise, Low-Power, SOT23 Open-Loop Buffers
2017
More results


Similar Description - MAX4202

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
UE280 SIPAT-UE280 Datasheet
267Kb / 3P
280MHz SAW Filter 11MHz Bandwidth
logo
Shanghai Semitech Semic...
3KP SEMITECH-3KP Datasheet
500Kb / 4P
Excellent clamping capability
SM8SXXA SEMITECH-SM8SXXA Datasheet
434Kb / 4P
Excellent clamping capability
logo
NXP Semiconductors
SA58643 PHILIPS-SA58643 Datasheet
116Kb / 16P
Excellent overload capability
Rev. 01-20 November 2006
logo
Micro Commercial Compon...
ESDLC5V0D9-TP MCC-ESDLC5V0D9-TP Datasheet
413Kb / 3P
Excellent clamping capability
logo
Shanghai Leiditech Elec...
SM5K58CC LEIDITECH-SM5K58CC Datasheet
501Kb / 4P
Excellent clamping capability
logo
Marki Microwave
C20-0116 MARKIMICROWAVE-C20-0116 Datasheet
228Kb / 3P
Broadband Performance Excellent Coupling Flatness
C20-0226 MARKIMICROWAVE-C20-0226 Datasheet
405Kb / 2P
Broadband Performance Excellent Coupling Flatness
C20-0240 MARKIMICROWAVE-C20-0240 Datasheet
226Kb / 3P
Broadband Performance Excellent Coupling Flatness
C20-0667 MARKIMICROWAVE-C20-0667 Datasheet
225Kb / 3P
Ultra Broadband Performance Excellent Coupling Flatness
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com