Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA58643 Datasheet (PDF) - NXP Semiconductors

SA58643 Datasheet PDF - NXP Semiconductors
Part # SA58643
Download  SA58643 Download
File Size   116.79 Kbytes
Page   16 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Excellent overload capability

SA58643 Datasheet (PDF)

Go To PDF Page Download Datasheet
SA58643 Datasheet PDF - NXP Semiconductors

Part # SA58643
Download  SA58643 Click to download

File Size   116.79 Kbytes
Page   16 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Excellent overload capability

SA58643 Datasheet (HTML) - NXP Semiconductors


SA58643 Product details

General description

The SA58643 is a wideband RF switch fabricated in BiCMOS technology and incorporating on-chip CMOS/TTL compatible drivers. Its primary function is to switch signals in the frequency range DC to 1 GHz from one 50 Ω channel to another. The switch is activated by a CMOS/TTL compatible signal applied to the enable channel 1 pin (ENCH1).

The extremely low current consumption makes the SA58643 ideal for portable applications. The excellent isolation and low loss makes this a suitable replacement for PIN diodes.

The SA58643 is available in an 8-pin TSSOP package.



Features

■ Wideband (DC to 1 GHz)

■ Low through loss (1 dB typical at 200 MHz)

■ Unused input is terminated internally in 50 Ω

■ Excellent overload capability (1 dB gain compression point +18 dBm at 300 MHz)

■ Low DC power (170 µA from 5 V supply)

■ Fast switching (20 ns typical)

■ Good isolation (off channel isolation 60 dB at 100 MHz)

■ Low distortion (IP3 intercept +33 dBm)

■ Good 50 Ω match (return loss 18 dB at 400 MHz)

■ Full ESD protection

■ Bidirectional operation



Applications

■ Digital transceiver front-end switch

■ Antenna switch

■ Filter selection

■ Video switch

■ FSK transmitter




Similar Part No. - SA58643

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA58640 PHILIPS-SA58640 Datasheet
396Kb / 16P
Low-voltage mixer FM IF system
Rev. 01-1 November 2004
SA58640DK PHILIPS-SA58640DK Datasheet
396Kb / 16P
Low-voltage mixer FM IF system
Rev. 01-1 November 2004
SA58641 PHILIPS-SA58641 Datasheet
179Kb / 17P
High performance mixer FM IF system with high-speed RSSI
2004 Dec 16
SA58641DK PHILIPS-SA58641DK Datasheet
179Kb / 17P
High performance mixer FM IF system with high-speed RSSI
2004 Dec 16
SA58646 NXP-SA58646 Datasheet
215Kb / 42P
UHF 900 MHz transceiver IC
Rev. 01-8 February 2007
More results


Similar Description - SA58643

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
SMAJ SMC-SMAJ Datasheet
426Kb / 7P
Excellent Clamping Capability
logo
Shanghai Semitech Semic...
5KP5.0A SEMITECH-5KP5.0A Datasheet
270Kb / 5P
Excellent Clamping Capability
AK10 SEMITECH-AK10 Datasheet
101Kb / 2P
Excellent clamping capability
P6SMB440CA SEMITECH-P6SMB440CA Datasheet
195Kb / 6P
Excellent clamping capability
3KP SEMITECH-3KP Datasheet
500Kb / 4P
Excellent clamping capability
8KP SEMITECH-8KP Datasheet
484Kb / 4P
Excellent clamping capability
SM8SXXA SEMITECH-SM8SXXA Datasheet
434Kb / 4P
Excellent clamping capability
logo
TT Electronics.
SQP TTELEC-SQP Datasheet
330Kb / 3P
High overload capability
logo
Micro Commercial Compon...
ESDLC5V0D9-TP MCC-ESDLC5V0D9-TP Datasheet
413Kb / 3P
Excellent clamping capability
logo
Shanghai Leiditech Elec...
SM5K58CC LEIDITECH-SM5K58CC Datasheet
501Kb / 4P
Excellent clamping capability
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com