Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA58646 Datasheet (PDF) - NXP Semiconductors

SA58646 Datasheet PDF - NXP Semiconductors
Part # SA58646
Download  SA58646 Download
File Size   215.17 Kbytes
Page   42 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description UHF 900 MHz transceiver IC

SA58646 Datasheet (PDF)

Go To PDF Page Download Datasheet
SA58646 Datasheet PDF - NXP Semiconductors

Part # SA58646
Download  SA58646 Click to download

File Size   215.17 Kbytes
Page   42 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description UHF 900 MHz transceiver IC

SA58646 Datasheet (HTML) - NXP Semiconductors


SA58646 Product details

description

The SA58646 is a BiCMOS integrated circuit that performs all functions from the antenna

to the microcontroller for reception and transmission for both the base station and the

handset in a 902 MHz to 928 MHz full-duplex radio. The SA58646 may be used in a UHF

push-to-talk walkie-talkie or in a UHF to 900 MHz data transceiver. The SA58646 is a

pin-compatible derivative of the UAA3515 with advanced features.

This IC integrates most of the functions required for a half-duplex or full-duplex radio in a

single integrated circuit. Additionally, the programmability implemented reduces

significantly external components count, board space requirements and external

adjustments.



Features

 RF RX (single frequency conversion FM receiver):

♦ Integrated LNA

♦ Image reject mixer

♦ FM detector at 10.7 MHz including an IF limiter, a wide band PLL demodulator, an

 output amplifier and a RSSI output

♦ Carrier detection with programmable threshold

♦ Programmable data amplifier (slicer) phase

Synthesizer:

♦ Crystal reference oscillator with integrated tuning capacitor

♦ Reference frequency divider

♦ Narrow band RX PLL including RX VCO with integrated varicaps

♦ Narrow band TX PLL including TX VCO with integrated varicaps

♦ VCO external inductors can be done with printed transmission lines on the PCB

which offers substantial savings

♦ Programmable clock divider with output buffer to drive a microcontroller

Baseband RX section:

♦ Programmable RX gain (enable phone volume control)

♦ Expander with output noise level control

♦ Earpiece amplifier with volume control feature

♦ Data amplifier

 Baseband TX section:

♦ Microphone amplifier

♦ Compressor with automatic level control and hard limiter

♦ Programmable TX gain



 




Similar Part No. - SA58646

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA58640 PHILIPS-SA58640 Datasheet
396Kb / 16P
Low-voltage mixer FM IF system
Rev. 01-1 November 2004
SA58640DK PHILIPS-SA58640DK Datasheet
396Kb / 16P
Low-voltage mixer FM IF system
Rev. 01-1 November 2004
SA58641 PHILIPS-SA58641 Datasheet
179Kb / 17P
High performance mixer FM IF system with high-speed RSSI
2004 Dec 16
SA58641DK PHILIPS-SA58641DK Datasheet
179Kb / 17P
High performance mixer FM IF system with high-speed RSSI
2004 Dec 16
SA58643 PHILIPS-SA58643 Datasheet
116Kb / 16P
Excellent overload capability
Rev. 01-20 November 2006
More results


Similar Description - SA58646

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UAA3515A PHILIPS-UAA3515A Datasheet
180Kb / 44P
900 MHz analog cordless telephone IC
2001 Dec 12
logo
Analog Devices
AD6190 AD-AD6190 Datasheet
150Kb / 8P
900 MHz RF Transceiver
logo
Micrel Semiconductor
MICRF003 MICREL-MICRF003 Datasheet
216Kb / 16P
QwikRadiotm 900 MHz UHF Receiver Preliminary Information
logo
Panasonic Semiconductor
AN26130A PANASONIC-AN26130A Datasheet
476Kb / 16P
Loop through Amplifier IC for VHF & UHF Band (40 MHz to 900 MHz) Applications
logo
RF Monolithics, Inc
DNT90CA RFM-DNT90CA Datasheet
192Kb / 7P
900 MHz Frequency Hopping Spread Spectrum Transceiver
logo
Murata Manufacturing Co...
DNT90PA MURATA-DNT90PA Datasheet
158Kb / 7P
900 MHz Frequency Hopping Spread Spectrum Transceiver
WIT910M MURATA-WIT910M Datasheet
221Kb / 3P
900 MHz FHSS Transceiver Module
WIT910M2 MURATA-WIT910M2 Datasheet
374Kb / 2P
900 MHz FHSS Transceiver Module
DNT900 MURATA-DNT900 Datasheet
1Mb / 7P
900 MHz Frequency Hopping Spread Spectrum Transceiver
logo
Yantel Corporation
HC0850U03-010 YANTEL-HC0850U03-010 Datasheet
1Mb / 4P
3dB 90째 Coupler IC 820 MHz-900 MHz
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com