Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FUSION878A Datasheet (PDF) - Synaptics Incorporated.

FUSION878A Datasheet PDF - Synaptics Incorporated.
Part # FUSION878A
Download  FUSION878A Download
File Size   50.83 Kbytes
Page   1 Pages
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.
Description TELETEXT Application for Conexant Fusion 878A PCI Video Capture Processor

FUSION878A Datasheet (PDF)

Go To PDF Page Download Datasheet
FUSION878A Datasheet PDF - Synaptics Incorporated.

Part # FUSION878A
Download  FUSION878A Click to download

File Size   50.83 Kbytes
Page   1 Pages
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.
Description TELETEXT Application for Conexant Fusion 878A PCI Video Capture Processor

FUSION878A Datasheet (HTML) - Synaptics Incorporated.


FUSION878A Product details

The Fusion 878A is a complete, low cost, single-chip solution for analog broadcast signal capture on the PCI bus. The Fusion 878A takes advantage of the PCI-based system’s high bandwidth and inherent multimedia capability. It is designed to be interoperable with any other PCI multimedia device at the component or board level.

The Fusion 878A has all the video and audio capture features of the Bt878, plus a whole lot more. Designed to address the demanding requirements of the Personal Computing and digital video industry, Fusion 878A meets PC98/PC99 requirements as well as being fully PCI 2.2 compliant.



Distinguishing Features

• NTSC/PAL/SECAM video decoding

• Supports capture resolutions up to 768 x 576 (full PAL)

• On-chip PCI bus mastering and bridge functionality

• Supports HDTV/audio/MPEG2 transport data across PCI bus

• High-speed serial port support MPEG transport stream up to rates of 40 Mbps

• High-speed parallel port supports MPEG transport streams up to 20 Mbps

• Flexible 24-bit wide GPIO

• CCIR656 interface

• Interfaces to a Digital TV data stream from a VSB or OFDM demodulator

• Multiple YCrCb and RGB pixel formats and YUV planar formats supported on output

• Selectable pixel density: 8, 16, 24, and 32 bits per pixel

• Performs complex clipping of video source and VGA video overlay

• Permits different program control and color space/scaling for even and odd fields

• Executes Windows 98 “Scatter and Gather”

• Integrates advanced chroma and luma comb filters/scalers

• Image scaleable in X and Y direction

• Y/C, 6-tap luma/2-tap chroma polyphase filter

• Receives Digital audio via I2S serial port

• Includes VBI data capture (closed captioning, teletext, and Intercast data decoding)

• 100% PCI Rev. 2.2 compliant

• PC 98/PC 99 compliant

• WHQL-certifiable

• Accepts Mono audio input

• Packaged in compact 128-pin plastic QFP



Fusion 878A Specific Features

• Full stereo decoding for both TV audio (BTSC) and FM radio

• Enhanced GPIO/I2S

• ACPI support

• Byte alignment

• Vital product data

• High speed serial port

• High speed parallel port



Applications

• PC television

• Digital television

• Digital VCR

• Desktop video phone

• Still frame capture

• VBI data service capture



 




Similar Part No. - FUSION878A

ManufacturerPart #DatasheetDescription
logo
Amkor Technology
FUSIONQUAD AMKOR-FUSIONQUAD Datasheet
394Kb / 2P
Increased I/O (116 to 356) in smaller package footprints
More results


Similar Description - FUSION878A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA5191 PHILIPS-SAA5191 Datasheet
54Kb / 9P
Teletext video processor
March 1991
SAA5231 PHILIPS-SAA5231 Datasheet
84Kb / 13P
Teletext video processor
November 1986
SAA5281 PHILIPS-SAA5281 Datasheet
1Mb / 48P
Integrated Video input processor and Teletext decoder IVT1.8
1996 Nov 04
logo
List of Unclassifed Man...
TPU2735 ETC-TPU2735 Datasheet
1,019Kb / 37P
Teletext Processor
BT848 ETC-BT848 Datasheet
1Mb / 141P
Single-Chip Video Capture for PCI
logo
PLX Technology
PCI6156 PLX-PCI6156 Datasheet
207Kb / 2P
Synchronous, 32-bit, 33MHz PCI-to-PCI Bridge for Video Capture Applications
logo
AAEON Technology
PER-V30C AAEON-PER-V30C Datasheet
691Kb / 1P
Mini PCI Single Channel Video Capture Module
logo
Analog Devices
PCI-RTV24 AD-PCI-RTV24 Datasheet
588Kb / 2P
4-CH PCI Express짰 / PCI Real-time Video Capture Cards for Standard Cameras
logo
List of Unclassifed Man...
INT-1462 ETC2-INT-1462 Datasheet
52Kb / 3P
Conexant Fusion??878A (CX25878A), PC99 Compliant
logo
Adlink Technology Inc.
PCIE-RTV24 ADLINK-PCIE-RTV24 Datasheet
486Kb / 1P
4-CH PCI Express / PCI Real-time Video Capture Cards for Standard Cameras
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com