Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BT848 Datasheet (PDF) - List of Unclassifed Manufacturers

BT848 Datasheet PDF - List of Unclassifed Manufacturers
Part # BT848
Download  BT848 Download
File Size   1149.23 Kbytes
Page   141 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Single-Chip Video Capture for PCI

BT848 Datasheet (PDF)

Go To PDF Page Download Datasheet
BT848 Datasheet PDF - List of Unclassifed Manufacturers

Part # BT848
Download  BT848 Click to download

File Size   1149.23 Kbytes
Page   141 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Single-Chip Video Capture for PCI

BT848 Datasheet (HTML) - List of Unclassifed Manufacturers


BT848 Product details

[Conexant]



Bt848 is a complete, low cost single-chip solution for analog NTSC/PAL/SECAM video capture on the PCI bus. As a bus master, Bt848 does not require any local memory buffers to store video pixel data which significantly minimizes the hardware cost for this architecture. Bt848 takes advantage of the PCI-based system’s high bandwidth and inherent multimedia capability. It is designed to be interoperable with any other PCI multimedia device at the component or board level, thus enabling video capture and overlay capability to be added to PCI systems in a modular fashion at low cost. The Bt848 solution is independent of the PCI system bus topology and may be used in a variety of system bus organizations: directly on a motherboard planar bus, on a card for a planar or secondary bus.

The Bt848A/849A are fully backward compatible enhancements to the Bt848. The Bt848A and 849A both include all the functionality of the Bt848, while adding support for peaking, single crystal operation, and digital camera support.



Distinguishing Features

• Fully PCI Rev. 2.1 compliant

• Auxiliary GPIO data port and video data port

• Supports image resolutions up to 768x576 (full PAL resolution)

• Supports complex clipping of video source

• Zero wait state PCI burst writes

• Field/frame masking support to throttle bandwidth to target

• Multiple YCrCb and RGB pixel formats supported on output

• Supports NTSC/SECAM/PAL analog input

• Image size scalable down to icon using vertical & horizontal interpolation filtering

• Multiple composite and S-video inputs

• Supports different destinations for even and odd fields

• Supports different color space/scaling factors for even and odd fields

• Support for mapping of video to 225 color palette

• VBI data capture for closed captioning, teletext and intercast data decoding



Additional Features in Bt848A/849A Only

• Supports peaking

• Requires only one crystal

• Digital camera support through GPIO port

• Support for WST decode (Bt849A only)



Applications

• PC TV

• Intercast receiver

• Desktop video phone

• Motion video capture

• Still frame capture

• Teletext/Intertext

• VBI data services capture



 




Similar Part No. - BT848

ManufacturerPart #DatasheetDescription
logo
Altech corporation
BT8 ALTECH-BT8 Datasheet
152Kb / 1P
30 mm Rubber Boots BTx (x=color)
logo
List of Unclassifed Man...
BT800 ETC2-BT800 Datasheet
131Kb / 2P
Bluetooth v4.0 Class 1 USB HCI Modules and Dongle
logo
Laird Tech Smart Techno...
BT800 LSTD-BT800 Datasheet
2Mb / 39P
Dual-Mode USB HCI Module
BT800 LSTD-BT800 Datasheet
130Kb / 2P
Bluetooth v4.0 Class 1 USB HCI Modules and Dongle
logo
List of Unclassifed Man...
BT800_SERIES ETC2-BT800_SERIES Datasheet
131Kb / 2P
Bluetooth v4.0 Class 1 USB HCI Modules and Dongle
More results


Similar Description - BT848

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BT878 ETC-BT878 Datasheet
8Mb / 158P
Single-Chip Video and Broadcast Audio Capture for the PCI Bus
logo
PLX Technology
PCI6156 PLX-PCI6156 Datasheet
207Kb / 2P
Synchronous, 32-bit, 33MHz PCI-to-PCI Bridge for Video Capture Applications
logo
Advantech Co., Ltd.
MIO-3140 ADVANTECH-MIO-3140 Datasheet
134Kb / 1P
Mini PCI Interface to SATA Storage Module Mini PCI Interface to Video Capture Module
logo
AAEON Technology
PER-V30C AAEON-PER-V30C Datasheet
691Kb / 1P
Mini PCI Single Channel Video Capture Module
TF-PER-M07 AAEON-TF-PER-M07 Datasheet
149Kb / 1P
Mini-PCI Capture Card
logo
List of Unclassifed Man...
HDV62A ETC1-HDV62A Datasheet
422Kb / 2P
One Channel PCI Express짰/PXI Express짰 HDMI Video & Audio Capture Cards
logo
Analog Devices
PCI-RTV24 AD-PCI-RTV24 Datasheet
588Kb / 2P
4-CH PCI Express짰 / PCI Real-time Video Capture Cards for Standard Cameras
logo
Advantech Co., Ltd.
DVP-7635E ADVANTECH-DVP-7635E Datasheet
685Kb / 2P
4-ch H.264 PCI Video Capture Card with SDK
logo
Synaptics Incorporated.
FUSION878A CONEXANT-FUSION878A Datasheet
50Kb / 1P
TELETEXT Application for Conexant Fusion 878A PCI Video Capture Processor
logo
Adlink Technology Inc.
PCIE-RTV24 ADLINK-PCIE-RTV24 Datasheet
486Kb / 1P
4-CH PCI Express / PCI Real-time Video Capture Cards for Standard Cameras
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com