Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AAT1500 Datasheet (PDF) - List of Unclassifed Manufacturers

AAT1500 Datasheet PDF - List of Unclassifed Manufacturers
Part # AAT1500
Download  AAT1500 Download
File Size   570.32 Kbytes
Page   11 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description CONSTANT CURRENT BOOST CONVERTER FOR 1 TO 4 WHITE LEDS

AAT1500 Datasheet (PDF)

Go To PDF Page Download Datasheet
AAT1500 Datasheet PDF - List of Unclassifed Manufacturers

Part # AAT1500
Download  AAT1500 Click to download

File Size   570.32 Kbytes
Page   11 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description CONSTANT CURRENT BOOST CONVERTER FOR 1 TO 4 WHITE LEDS

AAT1500 Datasheet (HTML) - List of Unclassifed Manufacturers


AAT1500 Product details

[Advanced Analog Technology, Inc.]

General Description
The AAT1500 is a step-up converter that provides a solution to drive 1 to 4 white LEDs with a constant current from a Lithium Ion cell, and its switching frequency is fixed at 1 MHz.
The AAT1500 offers a low 0.25V reference, which minimizes power loss in the current setting resistor and improves efficiency. Protection feature includes output over voltage protection. The AAT1500 consists of a 0.1µA shutdown current, and HV internal switch. Input supple range allows operation from 2.6V to 6V.
The AAT1500 is available in 6-pin SOT-26 and 8-pin VQFN-8 package.

Features
● Up to 4 LEDs at 2.8V Supply
● High Efficiency (85%)
● Output Over Voltage Protection
● HV Internal Switch
● 1 MHz PWM Switching Frequency
● Uses Tiny 1 mm Height Inductor
● 2.6V to 6V Input Range
● 0.1µA Shutdown Current
● SOT-26 & VQFN-8 Package Available

Applications
● Palmtops
● MP3 Player
● Digital Still Cameras
● Portable Media Player
● Cell Phones and Smart Phones
● Electronic Information Organizers




Similar Part No. - AAT1500

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AAT1500 AAT-AAT1500 Datasheet
288Kb / 14P
CONSTANT CURRENT BOOST CONVERTER FOR 1 TO 4 WHITE LEDS
Version 1.00
AAT1500-Q6-T AAT-AAT1500-Q6-T Datasheet
288Kb / 14P
CONSTANT CURRENT BOOST CONVERTER FOR 1 TO 4 WHITE LEDS
Version 1.00
AAT1500-S13-T AAT-AAT1500-S13-T Datasheet
288Kb / 14P
CONSTANT CURRENT BOOST CONVERTER FOR 1 TO 4 WHITE LEDS
Version 1.00
AAT1500-S3-T AAT-AAT1500-S3-T Datasheet
288Kb / 14P
CONSTANT CURRENT BOOST CONVERTER FOR 1 TO 4 WHITE LEDS
Version 1.00
AAT1500-S5-T AAT-AAT1500-S5-T Datasheet
288Kb / 14P
CONSTANT CURRENT BOOST CONVERTER FOR 1 TO 4 WHITE LEDS
Version 1.00
More results


Similar Description - AAT1500

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5010 ONSEMI-NCP5010 Datasheet
177Kb / 18P
500 mW Boost Converter for White LEDs
December, 2005 ??Rev. P2
logo
Aimtron Technology
AT1312 AIMTRON-AT1312 Datasheet
408Kb / 16P
High Efficiency, Constant Current White-LEDs Driver
logo
ON Semiconductor
NCP5010 ONSEMI-NCP5010_06 Datasheet
173Kb / 18P
500 mW Boost Converter for White LEDs
August, 2006 ??Rev. 1
logo
Kingbor Technology Co
KB4314 KINGBOR-KB4314 Datasheet
150Kb / 9P
High Efficiency, Constant Current 1 Watt Boost White-LED Driver
logo
Advanced Analog Technol...
AAT1500 AAT-AAT1500 Datasheet
288Kb / 14P
CONSTANT CURRENT BOOST CONVERTER FOR 1 TO 4 WHITE LEDS
Version 1.00
logo
Micrel Semiconductor
MIC3230 MICREL-MIC3230 Datasheet
597Kb / 20P
Constant Current Boost Controller for Driving High Power LEDs
MIC3230 MICREL-MIC3230_1 Datasheet
667Kb / 19P
Constant Current Boost Controller for Driving High Power LEDs
MIC3230 MICREL-MIC3230_11 Datasheet
723Kb / 19P
Constant Current Boost Controller for Driving High Power LEDs
logo
Global Mixed-mode Techn...
G5126 GMT-G5126 Datasheet
107Kb / 1P
High Efficiency, Constant Current, Boost DC/DC White-LEDs Drive
logo
Texas Instruments
LM3509 TI1-LM3509 Datasheet
2Mb / 30P
High Efficiency Boost for White LEDs
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com