Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM3123 Datasheet (PDF) - Shenzhen Huazhimei Semiconductor Co., Ltd

HM3123 Datasheet PDF - Shenzhen Huazhimei Semiconductor Co., Ltd
Part # HM3123
Download  HM3123 Download
File Size   1548.81 Kbytes
Page   6 Pages
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd
Description 85V - 2A BUCKHigh withstand voltage and high efficiency constant voltage step-down converter

HM3123 Datasheet (PDF)

Go To PDF Page Download Datasheet
HM3123 Datasheet PDF - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM3123
Download  HM3123 Click to download

File Size   1548.81 Kbytes
Page   6 Pages
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd
Description 85V - 2A BUCKHigh withstand voltage and high efficiency constant voltage step-down converter

HM3123 Datasheet (HTML) - Shenzhen Huazhimei Semiconductor Co., Ltd




Similar Part No. - HM3123

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
HM3122 HMSEMI-HM3122 Datasheet
1Mb / 7P
5A, 55V, 200KHz Switch Buck Converter
HM3124 HMSEMI-HM3124 Datasheet
847Kb / 6P
2A, 80V, 200KHz Switch Buck Converter
HM3125 HMSEMI-HM3125 Datasheet
1Mb / 6P
Input 20-100V output 2A asynchronous step-down controller
HM3126 HMSEMI-HM3126 Datasheet
1Mb / 6P
4.5V to 80V Input 1.25A Asynchronous Step-down Controller
HM3126A HMSEMI-HM3126A Datasheet
701Kb / 6P
80V, 480KHz, 1.5A step-down power supply
More results


Similar Description - HM3123

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3631 LINER-LTC3631_15 Datasheet
532Kb / 22P
High Efficiency, High Voltage 100mA Synchronous Step-Down Converter
logo
ON Semiconductor
NCV894530 ONSEMI-NCV894530 Datasheet
88Kb / 8P
High Efficiency Low Voltage Step-Down Converter
September, 2015 ??Rev. 2
NCV894630 ONSEMI-NCV894630 Datasheet
88Kb / 9P
High Efficiency Low Voltage Step-Down Converter
September, 2015 ??Rev. 1
logo
Monolithic Power System...
MP4420 MPS-MP4420 Datasheet
748Kb / 20P
High Efficiency 2A, 36V, Synchronous Step Down Converter
MP4420A MPS-MP4420A Datasheet
1Mb / 20P
2A, 36V, High-Efficiency, Synchronous, Step-Down Converter
MP4420H MPS-MP4420H Datasheet
768Kb / 20P
High Efficiency 2A, 36V, Synchronous Step-Down Converter
logo
ACE Technology Co., LTD...
ACE7212E ACE-ACE7212E Datasheet
489Kb / 10P
18V, 2A, High Efficiency Synchronous Step-Down Converter
VER 1.1
logo
ETA SOLUTIONS CO. LIMIT...
ETA1483 ETA-ETA1483 Datasheet
238Kb / 1P
2A, 18V High Efficiency Synchronous Step-Down Converter
logo
ACE Technology Co., LTD...
ACE7356N ACE-ACE7356N Datasheet
190Kb / 3P
High Efficiency, 85V Input0.6A Asynchronous Step Down Regulator
VER 1.1
logo
Unisonic Technologies
UD052012 UTC-UD052012 Datasheet
240Kb / 9P
HIGH EFFICIENCY 1MHz 2A SYNCHRONOUS STEP DOWN CONVERTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com