Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UD052012 Datasheet (PDF) - Unisonic Technologies

UD052012 Datasheet PDF - Unisonic Technologies
Part # UD052012
Download  UD052012 Download
File Size   240.25 Kbytes
Page   9 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description HIGH EFFICIENCY 1MHz 2A SYNCHRONOUS STEP DOWN CONVERTER

UD052012 Datasheet (PDF)

Go To PDF Page Download Datasheet
UD052012 Datasheet PDF - Unisonic Technologies

Part # UD052012
Download  UD052012 Click to download

File Size   240.25 Kbytes
Page   9 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description HIGH EFFICIENCY 1MHz 2A SYNCHRONOUS STEP DOWN CONVERTER

UD052012 Datasheet (HTML) - Unisonic Technologies


UD052012 Product details

DESCRIPTION

The UTC UD052012 is a high efficiency, high frequency
synchronous DC-DC step-down converter. The 100% duty cycle
feature provides low dropout operation, extending battery life in
portable systems.
The internal synchronous switch increases efficiency and
eliminates the need for external Schottky diode. At shutdown
mode, the input supply current is less than 1μA.
The UTC UD052012 fault protection includes over current
protection, short circuit protection, UVLO and thermal shutdown.
The Internal soft-start function prevents inrush current at turn-on.

FEATURES
* 2.5V~6V Input Voltage Range
* 0.6V Reference Voltage
* 2A Output Current
* Low RDS(ON) for Internal Switch: 140/90 mΩ (Top/Bottom)
* 1MHz Switching Frequency
* Internal Soft-Start Limits the Inrush Current
* Internal Compensation Function
* 100% Dropout Operation
* Input Over Voltage Protection
* Over Current Protection
* Short Circuit Protection
* Over Temperature Protection with Auto Recovery




Similar Part No. - UD052012

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UD05201 UTC-UD05201 Datasheet
366Kb / 5P
1.2MHZ, 2A SYNCHRONOUS STEP-DOWN CONVERTER
UD05201G-S08-A-R UTC-UD05201G-S08-A-R Datasheet
206Kb / 5P
No Schottky Diode Required
UD05201G-S08-A-R UTC-UD05201G-S08-A-R Datasheet
366Kb / 5P
1.2MHZ, 2A SYNCHRONOUS STEP-DOWN CONVERTER
UD05201G-S08-B-R UTC-UD05201G-S08-B-R Datasheet
206Kb / 5P
No Schottky Diode Required
UD05201G-S08-B-R UTC-UD05201G-S08-B-R Datasheet
366Kb / 5P
1.2MHZ, 2A SYNCHRONOUS STEP-DOWN CONVERTER
More results


Similar Description - UD052012

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL8032H BELLING-BL8032H Datasheet
986Kb / 8P
1MHz, 18V, 2A Synchronous Step-Down Converter
logo
Monolithic Power System...
MP1470H MPS-MP1470H Datasheet
807Kb / 19P
High-Efficiency, 2A, 16V, 1MHz Synchronous, Step-Down Converter
MP4420A MPS-MP4420A Datasheet
1Mb / 20P
2A, 36V, High-Efficiency, Synchronous, Step-Down Converter
logo
ACE Technology Co., LTD...
ACE7212E ACE-ACE7212E Datasheet
489Kb / 10P
18V, 2A, High Efficiency Synchronous Step-Down Converter
VER 1.1
logo
Silergy Corp.
SY8009 SILERGY-SY8009 Datasheet
844Kb / 9P
High Efficiency 1.5MHz/1MHz, 1.5A/2A Synchronous Step Down Regulator
logo
Richtek Technology Corp...
RT8097A RICHTEK-RT8097A Datasheet
1Mb / 16P
6V, 2A, 1MHz, CMCOT Synchronous Step-Down Converter
logo
Fitipower Integrated Te...
FP6361 FITIPOWER-FP6361 Datasheet
586Kb / 9P
1MHz, 2A, High-Efficiency PWM Synchronous Step-Down Converter
logo
ETA SOLUTIONS CO. LIMIT...
ETA1483 ETA-ETA1483 Datasheet
238Kb / 1P
2A, 18V High Efficiency Synchronous Step-Down Converter
logo
Shenzhen Huazhimei Semi...
HM1470H HMSEMI-HM1470H Datasheet
1Mb / 8P
1MHz, 18V, 2A Synchronous Step-Down Converter
logo
Richtek Technology Corp...
RT8097D RICHTEK-RT8097D Datasheet
475Kb / 16P
2A, 1MHz, 6V CMCOT Synchronous Step-Down Converter
June 2021
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com