Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UD052012 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UD052012
Description  HIGH EFFICIENCY 1MHz 2A SYNCHRONOUS STEP DOWN CONVERTER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UD052012 Datasheet(HTML) 1 Page - Unisonic Technologies

  UD052012 Datasheet HTML 1Page - Unisonic Technologies UD052012 Datasheet HTML 2Page - Unisonic Technologies UD052012 Datasheet HTML 3Page - Unisonic Technologies UD052012 Datasheet HTML 4Page - Unisonic Technologies UD052012 Datasheet HTML 5Page - Unisonic Technologies UD052012 Datasheet HTML 6Page - Unisonic Technologies UD052012 Datasheet HTML 7Page - Unisonic Technologies UD052012 Datasheet HTML 8Page - Unisonic Technologies UD052012 Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UD052012
Advance
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 9
Copyright © 2020 Unisonic Technologies Co., Ltd
QW-R115-039.a
HIGH EFFICIENCY 1MHz 2A
SYNCHRONOUS STEP DOWN
CONVERTER
DESCRIPTION
The UTC UD052012 is a high efficiency, high frequency
synchronous DC-DC step-down converter. The 100% duty cycle
feature provides low dropout operation, extending battery life in
portable systems.
The internal synchronous switch increases efficiency and
eliminates the need for external Schottky diode. At shutdown
mode, the input supply current is less than 1µA.
The UTC UD052012 fault protection includes over current
protection, short circuit protection, UVLO and thermal shutdown.
The Internal soft-start function prevents inrush current at turn-on.
FEATURES
* 2.5V~6V Input Voltage Range
* 0.6V Reference Voltage
* 2A Output Current
* Low RDS(ON) for Internal Switch: 140/90 mΩ (Top/Bottom)
* 1MHz Switching Frequency
* Internal Soft-Start Limits the Inrush Current
* Internal Compensation Function
* 100% Dropout Operation
* Input Over Voltage Protection
* Over Current Protection
* Short Circuit Protection
* Over Temperature Protection with Auto Recovery
ORDERING INFORMATION
Ordering Number
Package
Packing
Lead Free
Halogen Free
UD052012L-AF5-R
UD052012G-AF5-R
SOT-25
Tape Reel
UD052012L-AG6-R
UD052012G-AG6-R
SOT-26
Tape Reel


Similar Part No. - UD052012

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UD05201 UTC-UD05201 Datasheet
366Kb / 5P
1.2MHZ, 2A SYNCHRONOUS STEP-DOWN CONVERTER
UD05201G-S08-A-R UTC-UD05201G-S08-A-R Datasheet
206Kb / 5P
No Schottky Diode Required
UD05201G-S08-A-R UTC-UD05201G-S08-A-R Datasheet
366Kb / 5P
1.2MHZ, 2A SYNCHRONOUS STEP-DOWN CONVERTER
UD05201G-S08-B-R UTC-UD05201G-S08-B-R Datasheet
206Kb / 5P
No Schottky Diode Required
UD05201G-S08-B-R UTC-UD05201G-S08-B-R Datasheet
366Kb / 5P
1.2MHZ, 2A SYNCHRONOUS STEP-DOWN CONVERTER
More results

Similar Description - UD052012

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL8032H BELLING-BL8032H Datasheet
986Kb / 8P
1MHz, 18V, 2A Synchronous Step-Down Converter
logo
Monolithic Power System...
MP1470H MPS-MP1470H Datasheet
807Kb / 19P
High-Efficiency, 2A, 16V, 1MHz Synchronous, Step-Down Converter
MP4420A MPS-MP4420A Datasheet
1Mb / 20P
2A, 36V, High-Efficiency, Synchronous, Step-Down Converter
logo
ACE Technology Co., LTD...
ACE7212E ACE-ACE7212E Datasheet
489Kb / 10P
18V, 2A, High Efficiency Synchronous Step-Down Converter
VER 1.1
logo
Silergy Corp.
SY8009 SILERGY-SY8009 Datasheet
844Kb / 9P
High Efficiency 1.5MHz/1MHz, 1.5A/2A Synchronous Step Down Regulator
logo
Richtek Technology Corp...
RT8097A RICHTEK-RT8097A Datasheet
1Mb / 16P
6V, 2A, 1MHz, CMCOT Synchronous Step-Down Converter
logo
Fitipower Integrated Te...
FP6361 FITIPOWER-FP6361 Datasheet
586Kb / 9P
1MHz, 2A, High-Efficiency PWM Synchronous Step-Down Converter
logo
ETA SOLUTIONS CO. LIMIT...
ETA1483 ETA-ETA1483 Datasheet
238Kb / 1P
2A, 18V High Efficiency Synchronous Step-Down Converter
logo
Shenzhen Huazhimei Semi...
HM1470H HMSEMI-HM1470H Datasheet
1Mb / 8P
1MHz, 18V, 2A Synchronous Step-Down Converter
logo
Richtek Technology Corp...
RT8097D RICHTEK-RT8097D Datasheet
475Kb / 16P
2A, 1MHz, 6V CMCOT Synchronous Step-Down Converter
June 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com