Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UD052012 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UD052012
Description  HIGH EFFICIENCY 1MHz 2A SYNCHRONOUS STEP DOWN CONVERTER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UD052012 Datasheet(HTML) 2 Page - Unisonic Technologies

  UD052012 Datasheet HTML 1Page - Unisonic Technologies UD052012 Datasheet HTML 2Page - Unisonic Technologies UD052012 Datasheet HTML 3Page - Unisonic Technologies UD052012 Datasheet HTML 4Page - Unisonic Technologies UD052012 Datasheet HTML 5Page - Unisonic Technologies UD052012 Datasheet HTML 6Page - Unisonic Technologies UD052012 Datasheet HTML 7Page - Unisonic Technologies UD052012 Datasheet HTML 8Page - Unisonic Technologies UD052012 Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
UD052012
Advance
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
2 of 9
www.unisonic.com.tw
QW-R115-039.a
MARKING
PACKAGE
MARKING
SOT-25
SOT-26
MARKING INFORMATION
W: Year and Month Code
YEAR &
MONTH
Jan-20
Feb-20
Mar-20
Apr-20
May-20
Jun-20
Jul-20
Aug-20
Sep-20
Oct-20
Nov-20
Dec-20
CODE
D
E
F
G
H
I
J
K
L
M
N
O
YEAR &
MONTH
Jan-21
Feb-21
Mar-21
Apr-21
May-21
Jun-21
Jul-21
Aug-21
Sep-21
Oct-21
Nov-21
Dec-21
CODE
P
a
R
S
T
U
V
W
X
Y
Z
D
YEAR &
MONTH
Jan-22
Feb-22
Mar-22
Apr-22
May-22
Jun-22
Jul-22
Aug-22
Sep-22
Oct-22
Nov-22
Dec-22
CODE
e
f
g
h
j
k
m
n
q
r
t
Y
YEAR &
MONTH
Jan-23
Feb-23
Mar-23
Apr-23
May-23
Jun-23
Jul-23
Aug-23
Sep-23
Oct-23
Nov-23
Dec-23
CODE
1
2
3
4
5
6
7
8
9
A
B
C
D: date Code
DATE
1
2
3
4
5
6
7
8
9
10
11
12
CODE
1
2
3
4
5
6
7
8
9
A
B
C
DATE
13
14
15
16
17
18
19
20
21
22
23
24
CODE
D
E
F
G
H
I
J
K
L
M
N
P
DATE
25
26
27
28
29
30
31
CODE
Q
R
S
T
U
V
W
Z: Series Number (Note 1)
1
- - - ●
2
- - ● -
3
- - ●●
4
- ● - -
5
- ● - ●
6
- ●●-
7
- ● ● ●
8
● - - -
9
● - - ●
A
● - ● -
B
● - ● ●
C
●● - -
D
●● - ●
E
●●●-
F
● ● ● ●
G
- - - -
Note: 1. Series No., the last digit of assembly lot No. (Follow binary system)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com