Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM6409 Datasheet (PDF) - Shenzhen Huazhimei Semiconductor Co., Ltd

HM6409 Datasheet PDF - Shenzhen Huazhimei Semiconductor Co., Ltd
Part # HM6409
Download  HM6409 Download
File Size   1013.1 Kbytes
Page   7 Pages
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd
Description P-Channel Enhancement Mode Power MOSFET

HM6409 Datasheet (PDF)

Go To PDF Page Download Datasheet
HM6409 Datasheet PDF - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM6409
Download  HM6409 Click to download

File Size   1013.1 Kbytes
Page   7 Pages
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd
Description P-Channel Enhancement Mode Power MOSFET

HM6409 Datasheet (HTML) - Shenzhen Huazhimei Semiconductor Co., Ltd


HM6409 Product details

Description
The HM6409 uses advanced trench technology to provide excellent RDS(ON), low gate charge and operation with gate voltages as low as 2.5V. This device is suitable for use as a load switch or in PWM applications.

Features
● VDS = -20V,ID = -5.0A
   RDS(ON) <75mΩ @ VGS=-2.5V
   RDS(ON) < 52mΩ @ VGS=-4.5V
● High power and current handing capability
● Lead free product is acquired
● Surface mount package

Application
● PWM applications
● Load switch
● Power management




Similar Part No. - HM6409

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
HM6409AE HMSEMI-HM6409AE Datasheet
344Kb / 3P
20V P-Channel Enhancement-Mode MOSFET
More results


Similar Description - HM6409

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G2U4407 GTM-G2U4407 Datasheet
298Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G3J14 GTM-G3J14 Datasheet
377Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G1333 GTM-G1333 Datasheet
352Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2301 GTM-G2301 Datasheet
391Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2303 GTM-G2303 Datasheet
393Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G3401 GTM-G3401 Datasheet
308Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI20P02 GTM-GI20P02 Datasheet
245Kb / 5P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI405 GTM-GI405 Datasheet
253Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GJ9585 GTM-GJ9585 Datasheet
236Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GM162 GTM-GM162 Datasheet
365Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com