Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM6409AE Datasheet (PDF) - Shenzhen Huazhimei Semiconductor Co., Ltd

HM6409AE Datasheet PDF - Shenzhen Huazhimei Semiconductor Co., Ltd
Part # HM6409AE
Download  HM6409AE Download
File Size   344.16 Kbytes
Page   3 Pages
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd
Description 20V P-Channel Enhancement-Mode MOSFET

HM6409AE Datasheet (PDF)

Go To PDF Page Download Datasheet
HM6409AE Datasheet PDF - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM6409AE
Download  HM6409AE Click to download

File Size   344.16 Kbytes
Page   3 Pages
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd
Description 20V P-Channel Enhancement-Mode MOSFET

HM6409AE Datasheet (HTML) - Shenzhen Huazhimei Semiconductor Co., Ltd


HM6409AE Product details

VDS= -20V
RDS(ON), Vgs @ - 1.8V, Ids @ - 2.0 A = 73mΩ
RDS(ON), Vgs @ - 2.5V, Ids @ - 4.0 A = 54mΩ
RDS(ON), Vgs @ - 4.5V, Ids @ - 5.5 A = 43mΩ

Features
Advanced trench process technology
High Density Cell Design For Ultra Low On-Resistance
Package Dimensions




Similar Part No. - HM6409AE

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
HM6409 HMSEMI-HM6409 Datasheet
1,013Kb / 7P
P-Channel Enhancement Mode Power MOSFET
More results


Similar Description - HM6409AE

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXM62P02E6 ZETEX-ZXM62P02E6 Datasheet
203Kb / 7P
20V P-CHANNEL ENHANCEMENT MODE MOSFET
ZXM64P02X ZETEX-ZXM64P02X Datasheet
205Kb / 7P
20V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Taiwan Semiconductor Co...
TSM2301 TSC-TSM2301 Datasheet
169Kb / 5P
20V P-Channel Enhancement Mode MOSFET
logo
Pan Jit International I...
PJA63P02 PANJIT-PJA63P02 Datasheet
204Kb / 6P
20V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Leshan Radio Company
LP2301ALT1G LRC-LP2301ALT1G_15 Datasheet
1Mb / 5P
20V P-Channel Enhancement-Mode MOSFET
logo
Diodes Incorporated
DMP21D0UT DIODES-DMP21D0UT_15 Datasheet
170Kb / 7P
20V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
DMP22D4UFA DIODES-DMP22D4UFA_15 Datasheet
159Kb / 6P
20V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
logo
Pan Jit International I...
PJA3415 PANJIT-PJA3415 Datasheet
227Kb / 6P
20V P-Channel Enhancement Mode MOSFET
PJA3415A PANJIT-PJA3415A Datasheet
298Kb / 6P
20V P-Channel Enhancement Mode MOSFET
PJS6415 PANJIT-PJS6415 Datasheet
297Kb / 6P
20V P-Channel Enhancement Mode MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com