Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD69108F Datasheet (PDF) - Microsemi Corporation

PD69108F Datasheet PDF - Microsemi Corporation
Part # PD69108F
Download  PD69108F Download
File Size   898.84 Kbytes
Page   17 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description 8 PORTS PSE POE MANAGER

PD69108F Datasheet (PDF)

Go To PDF Page Download Datasheet
PD69108F Datasheet PDF - Microsemi Corporation

Part # PD69108F
Download  PD69108F Click to download

File Size   898.84 Kbytes
Page   17 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description 8 PORTS PSE POE MANAGER

PD69108F Datasheet (HTML) - Microsemi Corporation


PD69108F Product details

DESCRIPTION
Microsemi’s PD69108 Power over Ethernet (PoE) Manager integrates power, analog and state of the art logic into a single 48 pin, plastic QFN package. The device is used in Ethernet switches and Midspans, enabling network devices to share power and data over the same cable.
The PD69108 device is an 8 ports, mixed-signal, high-voltage PoE driver. It enables detection of IEEE802.3at-2009 compliant Type 1 and Type 2 PDs (Powered Devices), ensuring safe power feeding and disconnection of ports with full digital control and a minimum of external components.

KEY FEATURES
◆ IEEE802.3af-2003 compliant
◆ IEEE802.3at-2009 compliant,
   including two-event classification
◆ Supports pre-standard PD detection
◆ Supports Cisco devices detection
◆ Single DC voltage input (44 to 57 VDC)
◆ Input voltage out of range protection
◆ Wide temperature range: -10°C to
   +85°C
◆ PD69108F version covering -40°C to
   +85°C
◆ Over-temperature protection
◆ Low power dissipation (0.36 Ω sense
   resistor and 0.3Ω MOSFET Rdson)
◆ Includes Reset command pin
◆ 4 x direct address configuration pins
◆ Continuous port monitoring and
   system data
◆ Configurable load current setting
◆ Configurable AT/AF modes
◆ Configurable standard and legacy
   detection mode
◆ Power soft start mechanism
◆ On-chip thermal protection
◆ Voltage monitoring/protection
◆ Built in 3.3 VDC and 5 VDC regulators
◆ Internal power on reset
◆ RoHS compliant
◆ Emergency power management
   supporting four configurable power
   bank I/Os
◆ Can be cascaded to up to 12 PoE
   devices (96 ports)




Similar Part No. - PD69108F

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
PD69100 MICROSEMI-PD69100 Datasheet
210Kb / 5P
PoE Controller Unit
Rev. 1.1, Dec. 2010
logo
Microchip Technology
PD69101 MICROCHIP-PD69101 Datasheet
989Kb / 30P
1-Port PSE PoE Controller Datasheet
PD69101ILQ-TR MICROCHIP-PD69101ILQ-TR Datasheet
989Kb / 30P
1-Port PSE PoE Controller Datasheet
logo
Microsemi Corporation
PD69104B1 MICROSEMI-PD69104B1 Datasheet
2Mb / 36P
4-Port PoE Manager
March 2018
PD69104B1/F MICROSEMI-PD69104B1/F Datasheet
2Mb / 36P
4-Port PoE Manager
March 2018
More results


Similar Description - PD69108F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PD64004A ETC2-PD64004A Datasheet
156Kb / 1P
4-port PoE PSE Manager
logo
Microsemi Corporation
PD64012G MICROSEMI-PD64012G Datasheet
55Kb / 1P
12-PORT PoE PSE MANAGER
PD69008 MICROSEMI-PD69008 Datasheet
465Kb / 15P
8 Ports Power Over Ethernet Manager
logo
Linear Technology
LTC4290 LINER-LTC4290 Datasheet
336Kb / 32P
8-Port PoE/PoE PSE Controller
LTC4290 LINER-LTC4290_15 Datasheet
413Kb / 32P
8-Port PoE/PoE/LTPoE PSE Controller
logo
Microchip Technology
PD69201 MICROCHIP-PD69201 Datasheet
483Kb / 29P
1-Port PSE PoE Manager
2021
PD39208 MICROCHIP-PD39208 Datasheet
1Mb / 34P
PoE PSE Manager
2020
PD39210 MICROCHIP-PD39210 Datasheet
638Kb / 22P
PoE PSE Controller
2020
PD69208T4 MICROCHIP-PD69208T4 Datasheet
1Mb / 35P
PoE PSE Manager
2020
PD69200 MICROCHIP-PD69200 Datasheet
384Kb / 20P
PoE PSE Controller
A March 2020
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com