Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJM2275 Datasheet (PDF) - New Japan Radio

NJM2275 Datasheet PDF - New Japan Radio
Part # NJM2275
Download  NJM2275 Download
File Size   134.13 Kbytes
Page   5 Pages
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio
Description RF AMPLIFIER FOR VHF/UHF(LOW) BAND

NJM2275 Datasheet (PDF)

Go To PDF Page Download Datasheet
NJM2275 Datasheet PDF - New Japan Radio

Part # NJM2275
Download  NJM2275 Click to download

File Size   134.13 Kbytes
Page   5 Pages
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio
Description RF AMPLIFIER FOR VHF/UHF(LOW) BAND

NJM2275 Datasheet (HTML) - New Japan Radio


NJM2275 Product details

■ GENERAL DESCRIPTION
The NJM2275 is a low current, low voltage RF amplifier, especially designed for VHF/UHF band.
The center frequency of this narrow band amplifier is changed by external components.

FEATURES
■ Wide Operating Voltage      1.8V to 6V
■ Low Operating Current        0.8mA type. @ V+=1.9V, no signal input
■ High Gain
   Power Gain                         15dB @1.9V, 400MHz input
   Voltage Gain                       30dB @1.9V, 400MHz input, 1kΩ load
■ Operating Frequency band Up to 800MHz
■ High Isolation (OUT to IN)  45dB @1.9V, 400MHz
■ Bipolar Technology
■ Package Outline                  SOT23-6 (MTP6)




Similar Part No. - NJM2275

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2275 NJRC-NJM2275 Datasheet
214Kb / 11P
VHF/UHF BAND RF AMPLIFIER
logo
Nisshinbo Micro Devices...
NJM2275 NISSHINBO-NJM2275 Datasheet
231Kb / 11P
VHF/UHF BAND RF AMPLIFIER
Ver.2016-08-22
logo
New Japan Radio
NJM2275F1 NJRC-NJM2275F1 Datasheet
214Kb / 11P
VHF/UHF BAND RF AMPLIFIER
logo
Nisshinbo Micro Devices...
NJM2275F1 NISSHINBO-NJM2275F1 Datasheet
231Kb / 11P
VHF/UHF BAND RF AMPLIFIER
Ver.2016-08-22
logo
New Japan Radio
NJM2275 NJRC-NJM2275_1 Datasheet
214Kb / 11P
VHF/UHF BAND RF AMPLIFIER
More results


Similar Description - NJM2275

ManufacturerPart #DatasheetDescription
logo
NEC
2SC2869 NEC-2SC2869 Datasheet
31Kb / 1P
Low Noise Amplifier of VHF & UHF band
logo
Toshiba Semiconductor
MT6L54E TOSHIBA-MT6L54E Datasheet
87Kb / 3P
VHF-UHF Band Low Noise Amplifier Application
MT4S04A TOSHIBA-MT4S04A Datasheet
109Kb / 2P
VHF~UHF BAND LOW NOISE AMPLIFIER APPLICATIONS
MT4S03A TOSHIBA-MT4S03A_07 Datasheet
107Kb / 3P
VHF~UHF Band Low Noise Amplifier Applications
MT4S07 TOSHIBA-MT4S07_07 Datasheet
159Kb / 3P
VHF~UHF Band Low Noise Amplifier Applications
MT6L77FS TOSHIBA-MT6L77FS Datasheet
106Kb / 3P
VHF~UHF BAND LOW NOISE AMPLIFIER APPLICATIONS
MT6L71FS TOSHIBA-MT6L71FS Datasheet
106Kb / 3P
VHF~UHF Band Low-Noise Amplifier Applications
MT6L63FS TOSHIBA-MT6L63FS Datasheet
106Kb / 3P
VHF~UHF Band Low-Noise Amplifier Applications
MT6L58AFS TOSHIBA-MT6L58AFS Datasheet
110Kb / 3P
VHF~UHF Band Low-Noise Amplifier Applications
logo
New Japan Radio
NJM2275 NJRC-NJM2275_1 Datasheet
214Kb / 11P
VHF/UHF BAND RF AMPLIFIER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com