Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT2832-HT Datasheet (PDF) - Princeton Technology Corp

PT2832-HT Datasheet PDF - Princeton Technology Corp
Part # PT2832-HT
Download  PT2832-HT Download
File Size   309.32 Kbytes
Page   5 Pages
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp
Description 22W x 2, Class-D Audio Power Amplifier

PT2832-HT Datasheet (PDF)

Go To PDF Page Download Datasheet
PT2832-HT Datasheet PDF - Princeton Technology Corp

Part # PT2832-HT
Download  PT2832-HT Click to download

File Size   309.32 Kbytes
Page   5 Pages
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp
Description 22W x 2, Class-D Audio Power Amplifier

PT2832-HT Datasheet (HTML) - Princeton Technology Corp




Similar Part No. - PT2832-HT

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2830 PTC-PT2830 Datasheet
231Kb / 5P
10W Stereo Integrated Audio Amplifier
PT2830-LQ PTC-PT2830-LQ Datasheet
231Kb / 5P
10W Stereo Integrated Audio Amplifier
PT2831 PTC-PT2831 Datasheet
222Kb / 5P
15W x 2, Class-D Audio Power Amplifier
PT2831-HT PTC-PT2831-HT Datasheet
222Kb / 5P
15W x 2, Class-D Audio Power Amplifier
PT2833 PTC-PT2833 Datasheet
224Kb / 4P
Stereo 15W Class-D Amplifier with Built-In Audio Processor and ALC
More results


Similar Description - PT2832-HT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8926 PHILIPS-TDA8926 Datasheet
332Kb / 32P
Power stage 2 x 50 W class-D audio amplifier
2002 Oct 10
logo
NTE Electronics
NTE7114 NTE-NTE7114 Datasheet
97Kb / 4P
Integrated Circuit Audio Power Amplifier, Quad 11W (2 x 22W)
logo
Princeton Technology Co...
PT2004 PTC-PT2004 Datasheet
226Kb / 3P
2.2W x 2 Class-D Audio Power Amplifier
logo
International Rectifier
IRAUDAMP5 IRF-IRAUDAMP5_15 Datasheet
833Kb / 51P
120W x 2 Channel Class D Audio Power Amplifier
IRAUDAMP10 IRF-IRAUDAMP10_15 Datasheet
614Kb / 34P
300W x 2 Channel Class D Audio Power Amplifier
IRAUDAMP12 IRF-IRAUDAMP12_15 Datasheet
628Kb / 26P
130W/4 x 2 Channel Class D Audio Power Amplifier
IRAUDAMP21 IRF-IRAUDAMP21_15 Datasheet
820Kb / 22P
90W/2 x 2 Channel Class D Audio Power Amplifier
IRAUDAMP22 IRF-IRAUDAMP22_15 Datasheet
767Kb / 22P
50W/2 x 2 Channel Class D Audio Power Amplifier
logo
Princeton Technology Co...
PT2831 PTC-PT2831 Datasheet
222Kb / 5P
15W x 2, Class-D Audio Power Amplifier
logo
Toshiba Semiconductor
TA8210H TOSHIBA-TA8210H Datasheet
740Kb / 11P
22W BTL x 2CH AUDIO POWER AMPLIFIER
1990-6-12
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com