Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT2004 Datasheet (PDF) - Princeton Technology Corp

PT2004 Datasheet PDF - Princeton Technology Corp
Part # PT2004
Download  PT2004 Download
File Size   226.66 Kbytes
Page   3 Pages
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp
Description 2.2W x 2 Class-D Audio Power Amplifier

PT2004 Datasheet (PDF)

Go To PDF Page Download Datasheet
PT2004 Datasheet PDF - Princeton Technology Corp

Part # PT2004
Download  PT2004 Click to download

File Size   226.66 Kbytes
Page   3 Pages
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp
Description 2.2W x 2 Class-D Audio Power Amplifier

PT2004 Datasheet (HTML) - Princeton Technology Corp


PT2004 Product details

DESCRIPTION
The PT2004 is a CLASS-D power amplifier designed for audio equipments, maximum output power can reach up to 2.2W x 2 (VDD=5V, RL=4Ω, THD=10%). The PT2004 composed of exclusively designed CLASS-D circuitry (patented) by PTC, along with the most advanced semi-conductor fabricate technology. When compared to the traditional CLASS-AB amplifiers, the PT2004’s shows much higher efficiency (> 80%), low heat dissipation, and also performs superior audio quality.
The PT2004’s external circuitry is simple and easily accessible, and consists of flawless self-protection capabilities. The chip’s packaging is small, thus it occupies an insignificant amount of space on the circuit board; therefore, making it the predominant choice when it comes to audio amplifiers.

FEATURES
• CMOS Technology
• Stereo differential analogue input
• Maximum output power 2.2W(4Ω) × 2 @ THD=10%
• Output low-pass LC filter is not necessary
• Low EMI radiation, CISPR 22 regulation Compliant
• 4 level voltage gain selection
• Contains shutdown function for individual channel
• Fast start-up time (3.5ms) when shutdown awake up
• Built-in short circuit protection
• Built-in over-temperature protection
• High efficiency (85%, 8Ω load), low heat dissipation
• Wafer level WLCSP 16 balls package

APPLICATIONS
• Mobile phone
• Portable Media Player
• Personal Navigation Device
• Hands-free phone




Similar Part No. - PT2004

ManufacturerPart #DatasheetDescription
logo
Alfatronix Ltd
PT200 ALFATRONIX-PT200 Datasheet
172Kb / 2P
PowerTector Series Low Voltage Disconnect
PT200 ALFATRONIX-PT200 Datasheet
106Kb / 2P
Solid State Battery GuardS
PT200-T ALFATRONIX-PT200-T Datasheet
106Kb / 2P
Solid State Battery GuardS
logo
NXP Semiconductors
PT2000 NXP-PT2000 Datasheet
3Mb / 148P
Programmable solenoid controller
Rev. 12, 1/2019
logo
Turck, Inc.
PT2000PSIG-13-LI3-H1131 TURCK-PT2000PSIG-13-LI3-H1131 Datasheet
104Kb / 4P
Pressure Transmitter – With Current Output (2-Wire)
11/08/2023
More results


Similar Description - PT2004

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8926 PHILIPS-TDA8926 Datasheet
332Kb / 32P
Power stage 2 x 50 W class-D audio amplifier
2002 Oct 10
logo
Anpec Electronics Corop...
APA4863 ANPEC-APA4863 Datasheet
161Kb / 17P
Stereo 2.2W Audio Power Amplifier
APA4863 ANPEC-APA4863_09 Datasheet
286Kb / 17P
Stereo 2.2W Audio Power Amplifier
logo
Princeton Technology Co...
PT2002 PTC-PT2002 Datasheet
240Kb / 4P
3CH, 2.2W, Class-D Audio Power Amplifier
logo
International Rectifier
IRAUDAMP5 IRF-IRAUDAMP5_15 Datasheet
833Kb / 51P
120W x 2 Channel Class D Audio Power Amplifier
IRAUDAMP10 IRF-IRAUDAMP10_15 Datasheet
614Kb / 34P
300W x 2 Channel Class D Audio Power Amplifier
IRAUDAMP21 IRF-IRAUDAMP21_15 Datasheet
820Kb / 22P
90W/2 x 2 Channel Class D Audio Power Amplifier
IRAUDAMP22 IRF-IRAUDAMP22_15 Datasheet
767Kb / 22P
50W/2 x 2 Channel Class D Audio Power Amplifier
logo
Princeton Technology Co...
PT2832 PTC-PT2832 Datasheet
309Kb / 5P
22W x 2, Class-D Audio Power Amplifier
PT2831 PTC-PT2831 Datasheet
222Kb / 5P
15W x 2, Class-D Audio Power Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com