Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT2000 Datasheet (PDF) - NXP Semiconductors

PT2000 Datasheet PDF - NXP Semiconductors
Part # PT2000
Download  PT2000 Download
File Size   3271.1 Kbytes
Page   148 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Programmable solenoid controller

PT2000 Datasheet (PDF)

Go To PDF Page Download Datasheet
PT2000 Datasheet PDF - NXP Semiconductors

Part # PT2000
Download  PT2000 Click to download

File Size   3271.1 Kbytes
Page   148 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Programmable solenoid controller

PT2000 Datasheet (HTML) - NXP Semiconductors


PT2000 Product details

The PT2000 is a SMARTMOS programmable gate driver IC for precision solenoid control applications, which makes the component very flexible and relieves the main microcontroller from the heavy task of the actuator control. The chip integrates six microcores used to control, seven external MOSFET high-side pre-drivers, eight external MOSFET low-side pre-drivers (two of them with higher switching frequency can be used for DC/DC converters), an integrated end of injection detection, six current measurements, and diagnostics for both the high-side and low-side.
PT2000 includes two internal regulators with overvoltage and undervoltage monitoring and protection, VCCP fed from the battery line supplying the pre-driver section and VCC2P5 fed from an external 5.0 V generating supply for the digital block.
Interface with the MCU is achieved via serial peripheral interface (SPI) and 16 configurable I/O signals. I/O are supplied by an external 3.3 V or 5.0 V regulator connected to VCCIO.
These features along with cost effective packaging, make the PT2000 ideal for power train engine control applications.

Features
•Battery voltage range, 5.0 V < VBATT < 72 V
•Battery and boost voltage monitoring
•Pre-drive operating voltage up to 72 V
•Seven high-side/ eight low-side pre-drive PWM capability up to 100 kHz-30 nC
•All pre-drivers have four selectable slew rates
•Eight selectable, pre-defined VDS monitoring thresholds
•Measurement function for end of injection detection
•Encryption for microcode protection
•Integrated 1.0 MHz back-up clock

Applications
•Automotive (12 V), truck and industrial (24 V) power train
•Diesel and gasoline direct injection (three banks)
•Transmission
•Valve control




Similar Part No. - PT2000

ManufacturerPart #DatasheetDescription
logo
Turck, Inc.
PT2000PSIG-13-LI3-H1131 TURCK-PT2000PSIG-13-LI3-H1131 Datasheet
104Kb / 4P
Pressure Transmitter – With Current Output (2-Wire)
11/08/2023
PT2000PSIG-13-LU2-H1131 TURCK-PT2000PSIG-13-LU2-H1131 Datasheet
108Kb / 4P
Pressure Transmitter – With Voltage Output (3-Wire)
11/08/2023
PT2000PSIG-2003-I2-H1141 TURCK-PT2000PSIG-2003-I2-H1141 Datasheet
104Kb / 4P
Pressure Transmitter – With Current Output (2-Wire)
11/08/2023
PT2000PSIG-2003-I2-H1143 TURCK-PT2000PSIG-2003-I2-H1143 Datasheet
103Kb / 4P
Pressure Transmitter – With Current Output (2-Wire)
11/08/2023
PT2000PSIG-2003-IX-H1143 TURCK-PT2000PSIG-2003-IX-H1143 Datasheet
110Kb / 5P
Pressure Transmitter – With Current Output (2-Wire)
11/08/2023
More results


Similar Description - PT2000

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA9151B PHILIPS-TDA9151B Datasheet
473Kb / 36P
Programmable deflection controller
July 1994
logo
STMicroelectronics
STM802 STMICROELECTRONICS-STM802 Datasheet
148Kb / 8P
SOLENOID CONTROLLER IC
Oct-2003
logo
Toshiba Semiconductor
TLP621 TOSHIBA-TLP621_07 Datasheet
245Kb / 10P
Programmable Controller
logo
Omron Electronics LLC
CQM1-DA022 OMRON-CQM1-DA022 Datasheet
1Mb / 22P
Programmable Controller
HMC-EF583 OMRON-HMC-EF583 Datasheet
3Mb / 24P
Programmable Controller
logo
Texas Instruments
DRV110 TI1-DRV110_15 Datasheet
1Mb / 24P
Power-Saving Solenoid Controller
logo
Omron Electronics LLC
CP2E OMRON-CP2E Datasheet
8Mb / 47P
Programmable Controller
logo
NXP Semiconductors
MC33PT2000 NXP-MC33PT2000_V01 Datasheet
1Mb / 148P
Programmable solenoid controller
Rev. 13, 5/2022
33816 NXP-33816 Datasheet
4Mb / 314P
SD6 programmable solenoid controller for precision solenoid control applications
Rev. 10.0, 2/2023
MC33PT2001 NXP-MC33PT2001 Datasheet
642Kb / 20P
Programmable solenoid controller
Rev. 10.1 - 15 February 2023
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com