Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM802 Datasheet (PDF) - STMicroelectronics

STM802 Datasheet PDF - STMicroelectronics
Part # STM802
Download  STM802 Download
File Size   148.89 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description SOLENOID CONTROLLER IC

STM802 Datasheet (PDF)

Go To PDF Page Download Datasheet
STM802 Datasheet PDF - STMicroelectronics

Part # STM802
Download  STM802 Click to download

File Size   148.89 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description SOLENOID CONTROLLER IC

STM802 Datasheet (HTML) - STMicroelectronics


STM802 Product details

SUMMARY DESCRIPTION
The STM690/704/795/802/804/805/806 Supervisors are self-contained devices which provide microprocessor supervisory functions with the ability to non-volatize and write-protect external LPSRAM. A precision voltage reference and comparator monitors the VCC input for an out-of-tolerance condition. When an invalid VCC condition occurs, the reset output (RST) is forced low (or high in the case of RST). These devices also offer a watchdog timer (except for STM704/795/806) as well as a power-fail comparator (except for STM795) to provide the system with an early warning of impending power failure.
These devices are available in a standard 8-pin SOIC package or a space-saving 8-pin TSSOP package.

FEATURES SUMMARY
■ RST OR RST OUTPUTS
■ NVRAM SUPERVISOR FOR EXTERNAL LPSRAM
■ CHIP-ENABLE GATING (STM795 only) FOR EXTERNAL LPSRAM (7ns max PROP DELAY)
■ MANUAL (PUSH-BUTTON) RESET INPUT
■ 200ms (TYP) trec
■ WATCHDOG TIMER - 1.6sec (TYP)
■ AUTOMATIC BATTERY SWITCHOVER
■ LOW BATTERY SUPPLY CURRENT - 0.4µA (TYP)
■ POWER-FAIL COMPARATOR (PFI/PFO)
■ LOW SUPPLY CURRENT - 40µA (TYP)
■ GUARANTEED RST (RST) ASSERTION DOWN TO VCC = 1.0V
■ OPERATING TEMPERATURE: –40°C to 85°C (Industrial Grade)




Similar Part No. - STM802

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM802 STMICROELECTRONICS-STM802 Datasheet
445Kb / 31P
3V Supervisor with Battery Switchover
31-Oct-2003
STM802 STMICROELECTRONICS-STM802 Datasheet
657Kb / 32P
3V Supervisor with Battery Switchover
31-Oct-2003
STM802 STMICROELECTRONICS-STM802 Datasheet
773Kb / 37P
5V Supervisor with Battery Switchover
Jan-2006
STM802 STMICROELECTRONICS-STM802 Datasheet
960Kb / 42P
3 V supervisor with battery switchover
18-Aug-2010
logo
SamHop Microelectronics...
STM8020 SAMHOP-STM8020 Datasheet
212Kb / 7P
N-Channel Enhancement Mode Field Effect Transistor
More results


Similar Description - STM802

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK11051 TOKO-TK11051 Datasheet
55Kb / 8P
TEMPERATURE CONTROLLER IC
logo
Princeton Technology Co...
PT2259 PTC-PT2259 Datasheet
445Kb / 21P
Volume Controller IC
logo
Freescale Semiconductor...
33811 FREESCALE-33811 Datasheet
604Kb / 18P
Solenoid Monitor Integrated Circuit (IC)
33811 FREESCALE-33811_08 Datasheet
965Kb / 18P
Solenoid Monitor Integrated Circuit (IC)
logo
Schurter Inc.
10700029 SCHURTER-10700029 Datasheet
195Kb / 1P
Controller IC
10700031 SCHURTER-10700031 Datasheet
229Kb / 2P
Controller IC
logo
Texas Instruments
DRV110 TI1-DRV110_15 Datasheet
1Mb / 24P
Power-Saving Solenoid Controller
logo
NXP Semiconductors
MC33PT2000 NXP-MC33PT2000 Datasheet
3Mb / 148P
Programmable solenoid controller
Rev. 12, 1/2019
MC33PT2000 NXP-MC33PT2000_V01 Datasheet
1Mb / 148P
Programmable solenoid controller
Rev. 13, 5/2022
MC33PT2001 NXP-MC33PT2001 Datasheet
642Kb / 20P
Programmable solenoid controller
Rev. 10.1 - 15 February 2023
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com