Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM802 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STM802
Description  SOLENOID CONTROLLER IC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM802 Datasheet(HTML) 1 Page - STMicroelectronics

  STM802 Datasheet HTML 1Page - STMicroelectronics STM802 Datasheet HTML 2Page - STMicroelectronics STM802 Datasheet HTML 3Page - STMicroelectronics STM802 Datasheet HTML 4Page - STMicroelectronics STM802 Datasheet HTML 5Page - STMicroelectronics STM802 Datasheet HTML 6Page - STMicroelectronics STM802 Datasheet HTML 7Page - STMicroelectronics STM802 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1/8
October 2003
s
WIDE SUPPLY VOLTAGE RANGE: 8 TO 35V
DC
s
BUILD-IN GATE DRIVE VOLTAGE CLAMP
TYP. 11V
s
LOGIC CONTROLLED ENABLING CIRCUIT
s
DIGITAL IN-RUSH TIMER
s
BUILT-IN POWER-ON RESET
s
INTERNALLY TRIMMED TIMING
OSCILLATOR
s
NO EXTERNALLY TIMING CAPACITORS
NEEDED
s
FIXED IN-RUSH/HOLD CURRENT RATIO
s
LOW DROP CURRENT SENSING
RESISTOR
s
INTEGRATED FILTER IN THE FEEDBACK
LOOP (TIME COSTANT OF 2µs TYP.)
s
SO-8 PACKAGE
DESCRIPTION
This circuit is basically switch mode current
regulator with 2 modes (In-rush and Holding).
In-rush current occurs in the first 64 ms of each
on/off cycle with the rise time dependent on the
coil’s resistance and inductance. The Hold-current
is a partition of the In-rush current fixed by the
ratio between V1 and V2. A control pin is provided
for enabling and disabling the gate control output
for the external power MOS. The MOS transistor
must be chosen according to the supply voltage
range and
the current flowing
through the
solenoid.
ORDERING CODES
Type
Temperature
Range
Package
Comments
STM802BD
-40 to 85 °C
SO-8 (Tube)
100 parts per tube / 20 parts per box
STM802BDR
-40 to 85 °C
SO-8 (Tape & Reel)
2500 parts per reel
STM802
SOLENOID CONTROLLER IC
SO-8


Similar Part No. - STM802

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM802 STMICROELECTRONICS-STM802 Datasheet
445Kb / 31P
3V Supervisor with Battery Switchover
31-Oct-2003
STM802 STMICROELECTRONICS-STM802 Datasheet
657Kb / 32P
3V Supervisor with Battery Switchover
31-Oct-2003
STM802 STMICROELECTRONICS-STM802 Datasheet
773Kb / 37P
5V Supervisor with Battery Switchover
Jan-2006
STM802 STMICROELECTRONICS-STM802 Datasheet
960Kb / 42P
3 V supervisor with battery switchover
18-Aug-2010
logo
SamHop Microelectronics...
STM8020 SAMHOP-STM8020 Datasheet
212Kb / 7P
N-Channel Enhancement Mode Field Effect Transistor
More results

Similar Description - STM802

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK11051 TOKO-TK11051 Datasheet
55Kb / 8P
TEMPERATURE CONTROLLER IC
logo
Princeton Technology Co...
PT2259 PTC-PT2259 Datasheet
445Kb / 21P
Volume Controller IC
logo
Freescale Semiconductor...
33811 FREESCALE-33811 Datasheet
604Kb / 18P
Solenoid Monitor Integrated Circuit (IC)
33811 FREESCALE-33811_08 Datasheet
965Kb / 18P
Solenoid Monitor Integrated Circuit (IC)
logo
Schurter Inc.
10700029 SCHURTER-10700029 Datasheet
195Kb / 1P
Controller IC
10700031 SCHURTER-10700031 Datasheet
229Kb / 2P
Controller IC
logo
Texas Instruments
DRV110 TI1-DRV110_15 Datasheet
1Mb / 24P
Power-Saving Solenoid Controller
logo
NXP Semiconductors
MC33PT2000 NXP-MC33PT2000 Datasheet
3Mb / 148P
Programmable solenoid controller
Rev. 12, 1/2019
MC33PT2000 NXP-MC33PT2000_V01 Datasheet
1Mb / 148P
Programmable solenoid controller
Rev. 13, 5/2022
MC33PT2001 NXP-MC33PT2001 Datasheet
642Kb / 20P
Programmable solenoid controller
Rev. 10.1 - 15 February 2023
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com