Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT2259 Datasheet (PDF) - Princeton Technology Corp

PT2259 Datasheet PDF - Princeton Technology Corp
Part # PT2259
Download  PT2259 Download
File Size   445.0 Kbytes
Page   21 Pages
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp
Description Volume Controller IC

PT2259 Datasheet (PDF)

Go To PDF Page Download Datasheet
PT2259 Datasheet PDF - Princeton Technology Corp

Part # PT2259
Download  PT2259 Click to download

File Size   445.0 Kbytes
Page   21 Pages
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp
Description Volume Controller IC

PT2259 Datasheet (HTML) - Princeton Technology Corp


PT2259 Product details

DESCRIPTION

PT2259 is an 8-pin 2-channel volume controller which utilizes CMOS technology and incorporates the

I2C interface control. The controller features an attenuation range of 0 to -79dB, low noise output, a

high degree of stereo separation and requires only a small number of external components. PT2259 is

an essential component for modern audio visual systems.



FEATURES

• Attenuation range: 0 to –79dB in 1dB steps

• Operating voltage: 4 to 9V

• Low power consumption

• Low signal noise: S/N > 100dB (A-weighting)

• Stereo separation > 100dB

• Requires few external components

• 2-channel volume individual adjust

• Available in 8 Pins DIP or SOP



APPLICATIONS

• Audio/visual surround sound systems

• Car audio systems

•Mini-compo systems

• Computer multi-media speakers

• Other audio applications




Similar Part No. - PT2259

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2259 PTC-PT2259 Datasheet
406Kb / 15P
Volume Controller IC
PT2259-S PTC-PT2259-S Datasheet
406Kb / 15P
Volume Controller IC
PT2259 PTC-PT2259_09 Datasheet
406Kb / 15P
Volume Controller IC
More results


Similar Description - PT2259

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2253B PTC-PT2253B Datasheet
130Kb / 7P
Electronic Volume Controller IC?
PT2254A PTC-PT2254A Datasheet
117Kb / 7P
Electronic Volume Controller IC???
PT2255A PTC-PT2255A Datasheet
185Kb / 5P
Electronic Volume Controller IC????
PT2256 PTC-PT2256 Datasheet
70Kb / 4P
Electronic Volume Controller IC??????
PT2256 PTC-PT2256_07 Datasheet
394Kb / 21P
Electronic Volume Controller IC
PT2257 PTC-PT2257_07 Datasheet
352Kb / 20P
Electronic Volume Controller IC
PT2310 PTC-PT2310 Datasheet
339Kb / 16P
Volume Controller IC
PT2253A PTC-PT2253A_05 Datasheet
551Kb / 20P
Electronic Volume Controller IC
PT2257 PTC-PT2257_08 Datasheet
296Kb / 16P
Electronic Volume Controller IC
PT2259 PTC-PT2259_09 Datasheet
406Kb / 15P
Volume Controller IC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com