Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT2310 Datasheet (PDF) - Princeton Technology Corp

PT2310 Datasheet PDF - Princeton Technology Corp
Part # PT2310
Download  PT2310 Download
File Size   339.67 Kbytes
Page   16 Pages
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp
Description Volume Controller IC

PT2310 Datasheet (PDF)

Go To PDF Page Download Datasheet
PT2310 Datasheet PDF - Princeton Technology Corp

Part # PT2310
Download  PT2310 Click to download

File Size   339.67 Kbytes
Page   16 Pages
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp
Description Volume Controller IC

PT2310 Datasheet (HTML) - Princeton Technology Corp


PT2310 Product details

DESCRIPTION

The PT2310 is an electronic volume controller IC designed for audio equipment. Utilize CMOS Technology; it has 2 individual channels attenuator built inside and ideal for both mono and stereo applications. The PT2310 provides wide frequency response range, very low total harmonic distortion and low noise. It also has a built-in loudness compensation function for the sound effect improvement.



FEATURES

• CMOS Technology

• Low Power Consumption

• Two channel independent volume attenuator

• Simplified External Components

• Wide Supply Voltage 4.5V∼12V, controlled by MCU interface

• Attenuation Range 0dB∼-78dB (2dB/Step)

• Built-in Loudness Compensation Function

• Wide Frequency Response, Low Total Harmonic Distortion and Low Noise

• Available in 16 Pins DIP and 16 Pins SOP



APPLICATIONS

• Audio Equipments

• TV

• Multi-media Sound Device



 




Similar Part No. - PT2310

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PT23101 BOURNS-PT23101 Datasheet
125Kb / 1P
ISDN S-Interface Isolation Transformers
PT23102 BOURNS-PT23102 Datasheet
125Kb / 1P
ISDN S-Interface Isolation Transformers
PT23103 BOURNS-PT23103 Datasheet
125Kb / 1P
ISDN S-Interface Isolation Transformers
PT23104 BOURNS-PT23104 Datasheet
125Kb / 1P
ISDN S-Interface Isolation Transformers
PT23105 BOURNS-PT23105 Datasheet
125Kb / 1P
ISDN S-Interface Isolation Transformers
More results


Similar Description - PT2310

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2253B PTC-PT2253B Datasheet
130Kb / 7P
Electronic Volume Controller IC?
PT2254A PTC-PT2254A Datasheet
117Kb / 7P
Electronic Volume Controller IC???
PT2255A PTC-PT2255A Datasheet
185Kb / 5P
Electronic Volume Controller IC????
PT2256 PTC-PT2256 Datasheet
70Kb / 4P
Electronic Volume Controller IC??????
PT2259 PTC-PT2259 Datasheet
445Kb / 21P
Volume Controller IC
PT2256 PTC-PT2256_07 Datasheet
394Kb / 21P
Electronic Volume Controller IC
PT2257 PTC-PT2257_07 Datasheet
352Kb / 20P
Electronic Volume Controller IC
PT2253A PTC-PT2253A_05 Datasheet
551Kb / 20P
Electronic Volume Controller IC
PT2257 PTC-PT2257_08 Datasheet
296Kb / 16P
Electronic Volume Controller IC
PT2259 PTC-PT2259_09 Datasheet
406Kb / 15P
Volume Controller IC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com