Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT2254A Datasheet (PDF) - Princeton Technology Corp

PT2254A Datasheet PDF - Princeton Technology Corp
Part # PT2254A
Download  PT2254A Download
File Size   117.07 Kbytes
Page   7 Pages
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp
Description Electronic Volume Controller IC???

PT2254A Datasheet (PDF)

Go To PDF Page Download Datasheet
PT2254A Datasheet PDF - Princeton Technology Corp

Part # PT2254A
Download  PT2254A Click to download

File Size   117.07 Kbytes
Page   7 Pages
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp
Description Electronic Volume Controller IC???

PT2254A Datasheet (HTML) - Princeton Technology Corp


PT2254A Product details

DESCRIPTION

PT2254A is an electronic volume controller IC utilizing CMOS Technology specially designed for use on audio equipment. It has two built-in channels making it highly suitable for mono and stereo sound applications. Through the specially designated signals that are applied externally to the data, clock and strobe input pins, PT2254A can control attenuation and channel balance.



FEATURES

CMOS Technology

Low Power Consumption

High Operating Voltage Range : Vcc = 4 ~ 12 V

0dB to -68dB attenuation controlled by 2dB/step

2 Channels in each chip

Single Power Supply or Dual Power Supplies of (+) and (-) can be used

Attenuation can be controlled by signals attached to the Strobe, Data and Clock Pins.

Available in 16 Pins, DIP & SO Package




Similar Part No. - PT2254A

ManufacturerPart #DatasheetDescription
logo
Datatronic Distribution...
PT22501 DATATRONICS-PT22501 Datasheet
64Kb / 1P
Surface Mount Inductors
PT22502 DATATRONICS-PT22502 Datasheet
64Kb / 1P
Surface Mount Inductors
PT22503 DATATRONICS-PT22503 Datasheet
64Kb / 1P
Surface Mount Inductors
PT22504 DATATRONICS-PT22504 Datasheet
64Kb / 1P
Surface Mount Inductors
PT22505 DATATRONICS-PT22505 Datasheet
64Kb / 1P
Surface Mount Inductors
More results


Similar Description - PT2254A

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2253A PTC-PT2253A Datasheet
91Kb / 6P
Electronic Volume Controller IC
PT2253B PTC-PT2253B Datasheet
130Kb / 7P
Electronic Volume Controller IC?
PT2255A PTC-PT2255A Datasheet
185Kb / 5P
Electronic Volume Controller IC????
PT2256 PTC-PT2256 Datasheet
70Kb / 4P
Electronic Volume Controller IC??????
PT2257 PTC-PT2257 Datasheet
25Kb / 2P
Electronic Volume Controller IC??????
PT2256V PTC-PT2256V Datasheet
417Kb / 19P
Electronic Volume Controller IC
PT2256 PTC-PT2256_07 Datasheet
394Kb / 21P
Electronic Volume Controller IC
PT2257 PTC-PT2257_07 Datasheet
352Kb / 20P
Electronic Volume Controller IC
PT2253A PTC-PT2253A_05 Datasheet
551Kb / 20P
Electronic Volume Controller IC
PT2257 PTC-PT2257_08 Datasheet
296Kb / 16P
Electronic Volume Controller IC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com