Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT2257 Datasheet (PDF) - Princeton Technology Corp

PT2257 Datasheet PDF - Princeton Technology Corp
Part # PT2257
Download  PT2257 Download
File Size   25.43 Kbytes
Page   2 Pages
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp
Description Electronic Volume Controller IC??????

PT2257 Datasheet (PDF)

Go To PDF Page Download Datasheet
PT2257 Datasheet PDF - Princeton Technology Corp

Part # PT2257
Download  PT2257 Click to download

File Size   25.43 Kbytes
Page   2 Pages
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp
Description Electronic Volume Controller IC??????

PT2257 Datasheet (HTML) - Princeton Technology Corp


PT2257 Product details

DESCRIPTION

The PT2257 is an electronic volume controller IC utilizing CMOS technology specially designed for the new generation of AV entertainment products. It has two (2) built-in channels making it ideally suitable for mono and stereo sound applications. The PT2257 provides an I2C control interface, an attenuation range of 0 to -79dB, low noise, and high channel separation. It is housed in an 8 pins, DIP or SOP package. The PT2257’s pin assignments and application circuit are optimized for easy PCB layout and cost saving advantages.



FEATURES

• CMOS technology

• Low power consumption

• Least external components

• Attenuation range: 0 to -79dB at 1dB/step

• Operating voltage: 3 to 9V

• Low Noise, S/N Ratio>100dB (A-weighting)

• Two channel output

• Available in 8 pins, DIP or SOP



APPLICATIONS

• AV surround audio equipment

• Car audio

• Mini compo

• Computer multi-media speaker

• Other audio equipment



 




Similar Part No. - PT2257

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2257 PTC-PT2257 Datasheet
352Kb / 20P
Electronic Volume Controller IC
PT2257 PTC-PT2257 Datasheet
296Kb / 16P
Electronic Volume Controller IC
PT2257-D PTC-PT2257-D Datasheet
296Kb / 16P
Electronic Volume Controller IC
PT2257-S PTC-PT2257-S Datasheet
352Kb / 20P
Electronic Volume Controller IC
PT2257-S PTC-PT2257-S Datasheet
296Kb / 16P
Electronic Volume Controller IC
More results


Similar Description - PT2257

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2253A PTC-PT2253A Datasheet
91Kb / 6P
Electronic Volume Controller IC
PT2253B PTC-PT2253B Datasheet
130Kb / 7P
Electronic Volume Controller IC?
PT2254A PTC-PT2254A Datasheet
117Kb / 7P
Electronic Volume Controller IC???
PT2255A PTC-PT2255A Datasheet
185Kb / 5P
Electronic Volume Controller IC????
PT2256 PTC-PT2256 Datasheet
70Kb / 4P
Electronic Volume Controller IC??????
PT2256V PTC-PT2256V Datasheet
417Kb / 19P
Electronic Volume Controller IC
PT2256 PTC-PT2256_07 Datasheet
394Kb / 21P
Electronic Volume Controller IC
PT2257 PTC-PT2257_07 Datasheet
352Kb / 20P
Electronic Volume Controller IC
PT2253A PTC-PT2253A_05 Datasheet
551Kb / 20P
Electronic Volume Controller IC
PT2257 PTC-PT2257_08 Datasheet
296Kb / 16P
Electronic Volume Controller IC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com