Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM802 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STM802
Description  SOLENOID CONTROLLER IC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM802 Datasheet(HTML) 3 Page - STMicroelectronics

  STM802 Datasheet HTML 1Page - STMicroelectronics STM802 Datasheet HTML 2Page - STMicroelectronics STM802 Datasheet HTML 3Page - STMicroelectronics STM802 Datasheet HTML 4Page - STMicroelectronics STM802 Datasheet HTML 5Page - STMicroelectronics STM802 Datasheet HTML 6Page - STMicroelectronics STM802 Datasheet HTML 7Page - STMicroelectronics STM802 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
STM802
3/8
TRUTH TABLES FOR ENABLE PIN
Note 1: The TST pin is for testing purpose only. Must be left FLOATING for normal operation.
ABSOLUTE MAXIMUM RATINGS
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these condition is
not implied.
ELECTRICAL CHARACTERISTICS OVER RECOMMENDED OPERATING CONDITIONS
(Unless otherwise noted. Typical values are at TA = 25°C)
EN
DEVICE
LOW
ENABLED
HIGH
DISABLED
FLOAT
DISABLED
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
-0.5 to 40
V
VI
DC Input Voltage of EN,FB
-0.5 to 7
V
IIK
DC Input Diode Current
± 20
mA
IOK
DC Output Diode Current
−20/+5
mA
PD
Maximum Power Dissipation
500
mW
TL
Lead Temperature (10sec)
300
°C
TSTG
Storage Temperature Range
-65 to 150
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VCC
Operative Supply Voltage Range
DC only
8
35
V
VIL
Low Level Input Thresholds of Enable
0
0.8
V
VIH
High Level Input Thresholds of Enable
2
5
V
VHYST
Hysteresis of Enable Input
0.3
V
IIN
Input Leakage Current of Enable
EN = GND
-100
-60
-30
µA
EN = 5.5V, VCC = 0 to 35V
0.1
1
µA
IQ
Quiescent Supply Current
EN = 5.5V, VCC =9V, VFB = 0V
0.4
0.9
mA
ICC
Supply Current
EN =GND,VCC =9V, VFB =0V
CLOAD = 1000pF
0.7
1.2
mA
VCLAMP
Gate drive voltage clamp
VCC > 20V
9
11
13
V
V1
Voltage reference for Inrush current
314
345
380
mV
V2
Voltage reference for Hold current
70
77
86
mV
IINR/IHOLD Inrush current to hold current ratio
4.5
TINR
Time duration of Inrush interval
56
64
72
ms
IGH
Gate control output source current
VG =0V, VCC = 13V
-1.6
-1
mA
IGL
Gate control output sink current
VG =8V, VCC = 13V
2.5
4.5
mA
VBYP
Internal Pre-regulator output voltage
IBYP = 1mA
4
V
TC
Time constant of feedback filter
2
µs
TOP
Operative Temperature Range
-40
85
°C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com