Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33816 Datasheet (PDF) - NXP Semiconductors

33816 Datasheet PDF - NXP Semiconductors
Part # 33816
Download  33816 Download
File Size   4310.75 Kbytes
Page   314 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description SD6 programmable solenoid controller for precision solenoid control applications

33816 Datasheet (PDF)

Go To PDF Page Download Datasheet
33816 Datasheet PDF - NXP Semiconductors

Part # 33816
Download  33816 Click to download

File Size   4310.75 Kbytes
Page   314 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description SD6 programmable solenoid controller for precision solenoid control applications

33816 Datasheet (HTML) - NXP Semiconductors


33816 Product details

The 33816 is a SMARTMOS programmable gate driver IC for precision solenoid
control applications. The IC consists of five external MOSFET high-side predrivers
and seven external MOSFET low-side pre-drivers. The 33816 provides a
flexible solution for MOSFET’s gate drive with a versatile control and optimized
latency time. Gate drive, diagnosis, and protection are managed through four
independent microcores, and two Code RAM and two Data RAM banks.
The IC contains two internal voltage regulators with overvoltage and
undervoltage monitoring and protection. There are four current sense modules
and VDS monitoring for fault detection and annunciation via a serial peripheral
interface (SPI).
The device includes both individual charge pump outputs for each high-side predrivers
and a high-voltage DC-DC converter low-side pre-driver.
These features along with cost effective packaging, make the 33816 ideal for
powertrain engine control applications.
Features
• Battery voltage range, 5.0 V < VBATT < 32 V
• Pre-drive operating voltage up to 72 V
• High-side/ low-side pre-drive PWM capability up to 100 kHz–30 nC
• All pre-drivers have four selectable slew rates
• Eight selectable, pre-defined VDS monitoring thresholds
• Encryption for microcode protection
• Integrated 1.0 MHz back-up clock
• Programmable integrated End-of-Injection (EOI) measurement function (MC33816MAE only)

Applications
• Automotive (12 V), truck and industrial (24 V)
powertrain
• Diesel and gasoline direct injection
• Transmission




Similar Part No. - 33816

ManufacturerPart #DatasheetDescription
logo
Bi technologies
3381 BITECH-3381 Datasheet
167Kb / 3P
Precision Potentiometer / Position Sensor
logo
TT Electronics.
3381 TTELEC-3381 Datasheet
690Kb / 3P
Single-Turn Precision Potentiometer
logo
List of Unclassifed Man...
3381 ETC-3381 Datasheet
100Kb / 1P
Heyco짰 Nylon Cable Clamps
logo
Heyco.
3381 HEYCO-3381 Datasheet
84Kb / 1P
Nylon Cable Clamps
logo
Freescale Semiconductor...
33810 FREESCALE-33810 Datasheet
1Mb / 35P
Automotive Engine Control IC
More results


Similar Description - 33816

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK526 TOSHIBA-2SK526 Datasheet
133Kb / 3P
MOTOR AND SOLENOID DRIVE APPLICATIONS
logo
STMicroelectronics
STM802 STMICROELECTRONICS-STM802 Datasheet
148Kb / 8P
SOLENOID CONTROLLER IC
Oct-2003
logo
Toshiba Semiconductor
2SC3474 TOSHIBA-2SC3474_05 Datasheet
185Kb / 5P
Switching Applications Solenoid Drive Applications
2SC3673 TOSHIBA-2SC3673_04 Datasheet
148Kb / 5P
Switching Applications Solenoid Drive Applications
2SD2686 TOSHIBA-2SD2686 Datasheet
182Kb / 5P
Solenoid Drive Applications Motor Drive Applications
2SD2719 TOSHIBA-2SD2719 Datasheet
208Kb / 5P
Solenoid Drive Applications Motor Drive Applications
logo
Texas Instruments
DRV110 TI1-DRV110_15 Datasheet
1Mb / 24P
Power-Saving Solenoid Controller
logo
NXP Semiconductors
MC33PT2000 NXP-MC33PT2000 Datasheet
3Mb / 148P
Programmable solenoid controller
Rev. 12, 1/2019
MC33PT2000 NXP-MC33PT2000_V01 Datasheet
1Mb / 148P
Programmable solenoid controller
Rev. 13, 5/2022
MC33PT2001 NXP-MC33PT2001 Datasheet
642Kb / 20P
Programmable solenoid controller
Rev. 10.1 - 15 February 2023
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com