Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT2002 Datasheet (PDF) - Princeton Technology Corp

PT2002 Datasheet PDF - Princeton Technology Corp
Part # PT2002
Download  PT2002 Download
File Size   240.72 Kbytes
Page   4 Pages
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp
Description 3CH, 2.2W, Class-D Audio Power Amplifier

PT2002 Datasheet (PDF)

Go To PDF Page Download Datasheet
PT2002 Datasheet PDF - Princeton Technology Corp

Part # PT2002
Download  PT2002 Click to download

File Size   240.72 Kbytes
Page   4 Pages
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp
Description 3CH, 2.2W, Class-D Audio Power Amplifier

PT2002 Datasheet (HTML) - Princeton Technology Corp


PT2002 Product details

DESCRIPTION
The PT2002 is a Class-D power amplifier designed for audio equipments, maximum output power can reach up to 2.2W x 3CH (VDD = 5V, RL = 4Ω, THD = 10%). The PT2002 composed of exclusively designed Class-D circuitry (patented) by PTC, along with the most advanced semi-conductor technology. Compare with traditional Class-AB amplifiers, the PT2002 performs much better power efficiency (>80%), less heat dissipation, and produces superior audio quality. External circuitry is very simple and flexible, and consists of flawless self-protection capabilities. The chip’s packaging is small, thus it occupies an insignificant amount of space on the circuit board; therefore, making it the predominant choice when it comes to audio amplifiers.

FEATURES
• CMOS technology
• 3 channels, differential analog input
• Maximum output power 2.2W(4Ω) x 3CH @ THD=10%
• No external LC low-pass filter required
• 20dB fixed voltage gain
• Contains shutdown function
• POP noise free during shutdown and power ON/OFF period
• User adjustable power-on delay timing
• Built-in short circuit protection
• Built-in overheat protection
• Low distortion (0.3%)
• High efficiency (>85%, 8Ω load), low heat dissipation
• SSOP 24 pins, 173 mil body width miniature packages

APPLICATIONS
• Small multimedia speakers
• Laptop
• LCD monitor
• Portable DVD player
• Portable Media player
• Other audio applications




Similar Part No. - PT2002

ManufacturerPart #DatasheetDescription
logo
Alfatronix Ltd
PT200 ALFATRONIX-PT200 Datasheet
172Kb / 2P
PowerTector Series Low Voltage Disconnect
PT200 ALFATRONIX-PT200 Datasheet
106Kb / 2P
Solid State Battery GuardS
PT200-T ALFATRONIX-PT200-T Datasheet
106Kb / 2P
Solid State Battery GuardS
logo
NXP Semiconductors
PT2000 NXP-PT2000 Datasheet
3Mb / 148P
Programmable solenoid controller
Rev. 12, 1/2019
logo
Turck, Inc.
PT2000PSIG-13-LI3-H1131 TURCK-PT2000PSIG-13-LI3-H1131 Datasheet
104Kb / 4P
Pressure Transmitter – With Current Output (2-Wire)
11/08/2023
More results


Similar Description - PT2002

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4866 NSC-LM4866 Datasheet
644Kb / 21P
2.2W Stereo Audio Amplifier
logo
Toshiba Semiconductor
TA8256BH TOSHIBA-TA8256BH Datasheet
358Kb / 10P
AUDIO POWER AMPLIFIER 6W x 3CH
TA8256H TOSHIBA-TA8256H Datasheet
379Kb / 10P
AUDIO POWER AMPLIFIER 6W x 3CH
logo
Anpec Electronics Corop...
APA4863 ANPEC-APA4863 Datasheet
161Kb / 17P
Stereo 2.2W Audio Power Amplifier
logo
Global Mixed-mode Techn...
G1426 GMT-G1426 Datasheet
309Kb / 13P
2.2W Stereo Audio Amplifier
logo
Sanyo Semicon Device
LV49152V SANYO-LV49152V Datasheet
258Kb / 24P
Class-D Audio Power Amplifier
logo
Anpec Electronics Corop...
APA4863 ANPEC-APA4863_09 Datasheet
286Kb / 17P
Stereo 2.2W Audio Power Amplifier
logo
Princeton Technology Co...
PT2004 PTC-PT2004 Datasheet
226Kb / 3P
2.2W x 2 Class-D Audio Power Amplifier
logo
ON Semiconductor
STK433-330N-E ONSEMI-STK433-330N-E Datasheet
376Kb / 11P
3ch class-AB Audio Power IC
April, 2013
logo
Texas Instruments
LM4866 TI1-LM4866 Datasheet
1Mb / 29P
2.2W Stereo Audio Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com