Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT2002 Datasheet(PDF) 3 Page - Princeton Technology Corp

Part # PT2002
Description  3CH, 2.2W, Class-D Audio Power Amplifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT2002 Datasheet(HTML) 3 Page - Princeton Technology Corp

  PT2002 Datasheet HTML 1Page - Princeton Technology Corp PT2002 Datasheet HTML 2Page - Princeton Technology Corp PT2002 Datasheet HTML 3Page - Princeton Technology Corp PT2002 Datasheet HTML 4Page - Princeton Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Tel: 886-2-66296288
Fax: 886-2-29174598
URL: http://www.princeton.com.tw
PT2002 V1.0
- 3 -
May, 2008
3CH, 2.2W, Class-D Audio Power Amplifier
PT2002
APPICATION CIRCUIT
OUTPUT WITH FERRITE BEAD FILTER
IN3P
1
IN3N
2
NC
3
NC
4
IN2N
5
IN2P
6
MCLR
7
VDD
8
GND
9
SD
10
IN1P
11
IN1N
12
OUT1N
13
GND1
14
VDD1
15
OUT1P
16
OUT2P
17
VDD2
18
GND2
19
OUT2N
20
OUT3N
21
GND3
22
VDD3
23
OUT3P
24
IC1
PT2002
R1
1K
R2
1K
R3
1K
R4
1K
R5
1K
R6
1K
C1
0.22uF
C2
0.22uF
C3
0.22uF
C4
0.22uF
C6 0.22uF
C7 0.22uF
C8
1uF
C5
0.22uF
C9
1uF
C10
1uF
C11
1uF
C14
1n
C15
1n
C16
1n
C17
1n
C18
1n
C19
1n
L1
FB
L2
FB
1
2
SP3
OUT3
1
2
SP2
OUT2
1
2
SP1
OUT1
C12
10uF
TP1
Vcc
TP2
GND
P1
CH1
P2
CH2
P3
CH3
C13
10uF
L3
FB
L4
FB
L5
FB
L6
FB
L7
FB
L8
FB
SW1
SHUTDOWN
Notes:
1. Ferrite Bead specification: Z=120Ω@100MHz, Current>3A
2. R1, R2, R3, R4, R5, R6 is an optional for reduce gain only; in general application these resistors are
not required.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com