Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT2002 Datasheet(PDF) 1 Page - Princeton Technology Corp

Part # PT2002
Description  3CH, 2.2W, Class-D Audio Power Amplifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT2002 Datasheet(HTML) 1 Page - Princeton Technology Corp

  PT2002 Datasheet HTML 1Page - Princeton Technology Corp PT2002 Datasheet HTML 2Page - Princeton Technology Corp PT2002 Datasheet HTML 3Page - Princeton Technology Corp PT2002 Datasheet HTML 4Page - Princeton Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Tel: 886-2-66296288
Fax: 886-2-29174598
URL: http://www.princeton.com.tw
PT2002 V1.0
- 1 -
May, 2008
3CH, 2.2W, Class-D Audio Power Amplifier
PT2002
DESCRIPTION
The PT2002 is a Class-D power amplifier designed for audio equipments, maximum output power can
reach up to 2.2W x 3CH (VDD = 5V, RL = 4Ω, THD = 10%). The PT2002 composed of exclusively
designed Class-D circuitry (patented) by PTC, along with the most advanced semi-conductor
technology. Compare with traditional Class-AB amplifiers, the PT2002 performs much better power
efficiency (>80%), less heat dissipation, and produces superior audio quality. External circuitry is very
simple and flexible, and consists of flawless self-protection capabilities. The chip’s packaging is small,
thus it occupies an insignificant amount of space on the circuit board; therefore, making it the
predominant choice when it comes to audio amplifiers.
FEATURES
• CMOS technology
• 3 channels, differential analog input
• Maximum output power 2.2W(4Ω) x 3CH @ THD=10%
• No external LC low-pass filter required
• 20dB fixed voltage gain
• Contains shutdown function
• POP noise free during shutdown and power ON/OFF period
• User adjustable power-on delay timing
• Built-in short circuit protection
• Built-in overheat protection
• Low distortion (0.3%)
• High efficiency (>85%, 8Ω load), low heat dissipation
• SSOP 24 pins, 173 mil body width miniature packages
APPLICATIONS
• Small multimedia speakers
• Laptop
• LCD monitor
• Portable DVD player
• Portable Media player
• Other audio applications


Similar Part No. - PT2002

ManufacturerPart #DatasheetDescription
logo
Alfatronix Ltd
PT200 ALFATRONIX-PT200 Datasheet
172Kb / 2P
PowerTector Series Low Voltage Disconnect
PT200 ALFATRONIX-PT200 Datasheet
106Kb / 2P
Solid State Battery GuardS
PT200-T ALFATRONIX-PT200-T Datasheet
106Kb / 2P
Solid State Battery GuardS
logo
NXP Semiconductors
PT2000 NXP-PT2000 Datasheet
3Mb / 148P
Programmable solenoid controller
Rev. 12, 1/2019
logo
Turck, Inc.
PT2000PSIG-13-LI3-H1131 TURCK-PT2000PSIG-13-LI3-H1131 Datasheet
104Kb / 4P
Pressure Transmitter – With Current Output (2-Wire)
11/08/2023
More results

Similar Description - PT2002

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4866 NSC-LM4866 Datasheet
644Kb / 21P
2.2W Stereo Audio Amplifier
logo
Toshiba Semiconductor
TA8256BH TOSHIBA-TA8256BH Datasheet
358Kb / 10P
AUDIO POWER AMPLIFIER 6W x 3CH
TA8256H TOSHIBA-TA8256H Datasheet
379Kb / 10P
AUDIO POWER AMPLIFIER 6W x 3CH
logo
Anpec Electronics Corop...
APA4863 ANPEC-APA4863 Datasheet
161Kb / 17P
Stereo 2.2W Audio Power Amplifier
logo
Global Mixed-mode Techn...
G1426 GMT-G1426 Datasheet
309Kb / 13P
2.2W Stereo Audio Amplifier
logo
Sanyo Semicon Device
LV49152V SANYO-LV49152V Datasheet
258Kb / 24P
Class-D Audio Power Amplifier
logo
Anpec Electronics Corop...
APA4863 ANPEC-APA4863_09 Datasheet
286Kb / 17P
Stereo 2.2W Audio Power Amplifier
logo
Princeton Technology Co...
PT2004 PTC-PT2004 Datasheet
226Kb / 3P
2.2W x 2 Class-D Audio Power Amplifier
logo
ON Semiconductor
STK433-330N-E ONSEMI-STK433-330N-E Datasheet
376Kb / 11P
3ch class-AB Audio Power IC
April, 2013
logo
Texas Instruments
LM4866 TI1-LM4866 Datasheet
1Mb / 29P
2.2W Stereo Audio Amplifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com