Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT2004 Datasheet(PDF) 2 Page - Princeton Technology Corp

Part # PT2004
Description  2.2W x 2 Class-D Audio Power Amplifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT2004 Datasheet(HTML) 2 Page - Princeton Technology Corp

  PT2004 Datasheet HTML 1Page - Princeton Technology Corp PT2004 Datasheet HTML 2Page - Princeton Technology Corp PT2004 Datasheet HTML 3Page - Princeton Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PT2004
V1.0
2
APPICATION CIRCUIT DIAGRAM
(1) SINGLE-ENDED INPUT
INL+
A1
INL-
B1
INR-
C1
INR+
D1
OUTR+
D3
OUTL+
A3
OUTR-
D4
OUTL-
A4
PT2004
0.22uF
0.22uF
0.22uF
0.22uF
Lin
Rin
1uF
VDD
FB
FB
FB
FB
1n
1n
1n
1n
L SPK
RSPK
GAIN
CONTROL
SHUTDOWN
CONTROL
(2) DIFFERENTIAL INPUT
INL+
A1
INL-
B1
INR-
C1
INR+
D1
OUTR+
D3
OUTL+
A3
OUTR-
D4
OUTL-
A4
PT2004
0.22uF
0.22uF
0.22uF
0.22uF
Lin-
Lin+
Rin+
1uF
VDD
FB
FB
FB
FB
1n
1n
1n
1n
L SPK
RSPK
GAIN
CONTROL
SHUTDOWN
CONTROL
Rin-
Ferrite Bead (FB) specification: Z = 220Ω@100MHz, current capability > 2A.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com