Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC3538 Datasheet (PDF) - List of Unclassifed Manufacturers

TC3538 Datasheet PDF - List of Unclassifed Manufacturers
Part # TC3538
Download  TC3538 Download
File Size   147.44 Kbytes
Page   4 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description 5-6 GHz 1W MMIC

TC3538 Datasheet (PDF)

Go To PDF Page Download Datasheet
TC3538 Datasheet PDF - List of Unclassifed Manufacturers

Part # TC3538
Download  TC3538 Click to download

File Size   147.44 Kbytes
Page   4 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description 5-6 GHz 1W MMIC

TC3538 Datasheet (HTML) - List of Unclassifed Manufacturers


TC3538 Product details

[TRANSCOM, INC.]

DESCRIPTION
The TC3538 is a 2 stage PHEMT MMIC power amplifier. It is designed for use in low cost, high volume, 5 - 6 GHz band applications. The MMIC is matched to 50Ω operation. It provides a typical gain of 21 dB and P1dB power of more than 30 dBm. Typical bias condition is 7V at 600 mA. The MMIC is packaged in a low-cost surface-mountable plastic package.

FEATURES
• P-1 dB: 30 dBm
• Small Signal Gain: 21 dB
• Power Added Efficiency: 25 %
• IP3: 39 dBm
• Matched to 50 Ω operation
• Bias condition: 600 mA @ 7 V

APPLICATIONS
• Wireless Internet Access
• Wireless Local Loop
• Two way radio




Similar Part No. - TC3538

ManufacturerPart #DatasheetDescription
logo
Transcom, Inc.
TC3538 TRANSCOM-TC3538 Datasheet
184Kb / 4P
5 - 6 GHz 1W MMIC
More results


Similar Description - TC3538

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TC3339 ETC1-TC3339 Datasheet
255Kb / 4P
2.9 - 3.7 GHz 1W MMIC
logo
Transcom, Inc.
TC4535 TRANSCOM-TC4535 Datasheet
97Kb / 3P
13.75 - 14.5 GHz 1W MMIC
TC3131 TRANSCOM-TC3131 Datasheet
103Kb / 4P
2.4 GHz 1W MMIC
TC3133 TRANSCOM-TC3133 Datasheet
87Kb / 3P
2.4 GHz 1W MMIC
TC3139 TRANSCOM-TC3139 Datasheet
191Kb / 4P
2.3 - 2.5 GHz 1W MMIC
TC3531 TRANSCOM-TC3531 Datasheet
83Kb / 3P
5.8 GHz 1W MMIC
TC3538 TRANSCOM-TC3538 Datasheet
184Kb / 4P
5 - 6 GHz 1W MMIC
TC3331 TRANSCOM-TC3331 Datasheet
167Kb / 3P
3.3 - 3.7 GHz 1W MMIC
TC3339 TRANSCOM-TC3339 Datasheet
257Kb / 4P
2.9 - 3.7 GHz 1W MMIC
TC1953P TRANSCOM-TC1953P Datasheet
177Kb / 3P
13.75 - 14.75 GHz 1W MMIC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com