Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC3531 Datasheet (PDF) - Transcom, Inc.

TC3531 Datasheet PDF - Transcom, Inc.
Part # TC3531
Download  TC3531 Download
File Size   83.16 Kbytes
Page   3 Pages
Manufacturer  TRANSCOM [Transcom, Inc.]
Direct Link  http://www.transcominc.com.tw
Logo TRANSCOM - Transcom, Inc.
Description 5.8 GHz 1W MMIC

TC3531 Datasheet (PDF)

Go To PDF Page Download Datasheet
TC3531 Datasheet PDF - Transcom, Inc.

Part # TC3531
Download  TC3531 Click to download

File Size   83.16 Kbytes
Page   3 Pages
Manufacturer  TRANSCOM [Transcom, Inc.]
Direct Link  http://www.transcominc.com.tw
Logo TRANSCOM - Transcom, Inc.
Description 5.8 GHz 1W MMIC

TC3531 Datasheet (HTML) - Transcom, Inc.


TC3531 Product details

DESCRIPTION
The TC3531 is a 2 stage PHEMT MMIC power amplifier. It is designed for use in low cost and high volume 5.7-5.9 GHz band applications. The MMIC is matched to 50 Ω operation. No external matching component is required. It provides a typical gain of 24 dB and P1 dB power of 30 dBm. Typical bias condition is 7V at 600 mA. The MMIC is a packaged in a copper based ceramic 10 pins power package. The copper based carrier of the package allows direct soldering of the device to the PCB for proper heat sinking.

FEATURES
• P-1 dB: 30 dBm
• Small Signal Gain: 24 dB
• Power Added Efficiency: 24 %
• IP3: 39 dBm
• Match to 50 Ω Operation
• Bias condition: 600 mA @ 7 V

APPLICATIONS
• Wireless Internet Access




Similar Part No. - TC3531

ManufacturerPart #DatasheetDescription
logo
Shanghai Shunye Electro...
TC353 SHUNYE-TC353 Datasheet
193Kb / 2P
5/16 TIN-CAN DIODES
logo
List of Unclassifed Man...
TC3532 ETC-TC3532 Datasheet
151Kb / 3P
4.9 - 6 GHz 29dBm MMIC
logo
Transcom, Inc.
TC3532 TRANSCOM-TC3532 Datasheet
170Kb / 3P
4.9 - 6 GHz 29dBm Single-Bias MMIC
logo
List of Unclassifed Man...
TC3538 ETC1-TC3538 Datasheet
147Kb / 4P
5-6 GHz 1W MMIC
logo
Transcom, Inc.
TC3538 TRANSCOM-TC3538 Datasheet
184Kb / 4P
5 - 6 GHz 1W MMIC
More results


Similar Description - TC3531

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TC3538 ETC1-TC3538 Datasheet
147Kb / 4P
5-6 GHz 1W MMIC
TC3339 ETC1-TC3339 Datasheet
255Kb / 4P
2.9 - 3.7 GHz 1W MMIC
TAG-3210 ETC1-TAG-3210 Datasheet
158Kb / 2P
5.8 - 6.4 GHz GaAs MMIC Power Amplifier
logo
Transcom, Inc.
TC3131 TRANSCOM-TC3131 Datasheet
103Kb / 4P
2.4 GHz 1W MMIC
TC3133 TRANSCOM-TC3133 Datasheet
87Kb / 3P
2.4 GHz 1W MMIC
TC3139 TRANSCOM-TC3139 Datasheet
191Kb / 4P
2.3 - 2.5 GHz 1W MMIC
TC3331 TRANSCOM-TC3331 Datasheet
167Kb / 3P
3.3 - 3.7 GHz 1W MMIC
TC3339 TRANSCOM-TC3339 Datasheet
257Kb / 4P
2.9 - 3.7 GHz 1W MMIC
logo
Excelics Semiconductor,...
EMP110-P1 EXCELICS-EMP110-P1 Datasheet
94Kb / 2P
5.8 - 8.0 GHz Power Amplifier MMIC
RFMA5880-0.1W-02 EXCELICS-RFMA5880-0.1W-02 Datasheet
174Kb / 2P
5.8 - 8.0 GHz Power Amplifier MMIC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com