Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC3532 Datasheet (PDF) - List of Unclassifed Manufacturers

TC3532 Datasheet PDF - List of Unclassifed Manufacturers
Part # TC3532
Download  TC3532 Download
File Size   151.94 Kbytes
Page   3 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description 4.9 - 6 GHz 29dBm MMIC

TC3532 Datasheet (PDF)

Go To PDF Page Download Datasheet
TC3532 Datasheet PDF - List of Unclassifed Manufacturers

Part # TC3532
Download  TC3532 Click to download

File Size   151.94 Kbytes
Page   3 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description 4.9 - 6 GHz 29dBm MMIC

TC3532 Datasheet (HTML) - List of Unclassifed Manufacturers


TC3532 Product details

[TRANSCOM, INC.]

DESCRIPTION
The TC3532 is a 2 stage PHEMT MMIC power amplifier. It is designed for use in low cost, high volume, 4.9~6 GHz band applications. The MMIC is matched to 50Ω operation. No external matching component is required. It provides a typical gain of 21 dB and P1dB power of more than 29 dBm. Typical bias condition is 8V at 400 mA. The MMIC is packaged in a Ceramic 10 Pins package. The copper based carrier of the package allows direct soldering of the device to the PCB.

FEATURES
• P-1 dB: 29 dBm
• Small Signal Gain: 21 dB
• Power Added Efficiency: 25 %
• IP3: 39 dBm
• Match to 50 Ω operation
• Bias condition: 400 mA @ 8 V

APPLICATIONS
• Wireless Internet Access




Similar Part No. - TC3532

ManufacturerPart #DatasheetDescription
logo
Transcom, Inc.
TC3532 TRANSCOM-TC3532 Datasheet
170Kb / 3P
4.9 - 6 GHz 29dBm Single-Bias MMIC
More results


Similar Description - TC3532

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC415LP3 HITTITE-HMC415LP3 Datasheet
309Kb / 8P
GaAs InGaP HBT MMIC POWER AMPLIFIER, 4.9 - 5.9 GHz
HMC436MS8G HITTITE-HMC436MS8G Datasheet
294Kb / 6P
GaAs MMIC DPDT DIVERSITY SWITCH, 4.9 - 5.9 GHz
logo
List of Unclassifed Man...
TC3538 ETC1-TC3538 Datasheet
147Kb / 4P
5-6 GHz 1W MMIC
logo
Hittite Microwave Corpo...
HMC436MS8G HITTITE-HMC436MS8G_07 Datasheet
325Kb / 6P
GaAs MMIC DPDT DIVERSITY OR SP3T SWITCH, 4.9 - 5.9 GHz
logo
Transcom, Inc.
TC3539 TRANSCOM-TC3539 Datasheet
254Kb / 4P
4.8 - 6 GHz 29dBm Self-Bias MMIC
TC3532 TRANSCOM-TC3532 Datasheet
170Kb / 3P
4.9 - 6 GHz 29dBm Single-Bias MMIC
TC3538 TRANSCOM-TC3538 Datasheet
184Kb / 4P
5 - 6 GHz 1W MMIC
TC4830 TRANSCOM-TC4830 Datasheet
30Kb / 1P
30 - 36 GHz 29dBm MMIC
logo
Hittite Microwave Corpo...
HMC415LP3 HITTITE-HMC415LP3_09 Datasheet
278Kb / 8P
GaAs InGaP HBT MMIC POWER AMPLIFIER, 4.9 - 5.9 GHz
HMC436MS8G HITTITE-HMC436MS8G_10 Datasheet
490Kb / 6P
GaAs MMIC DPDT DIVERSITY OR SP3T SWITCH, 4.9 - 5.9 GHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com