Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC436MS8G Datasheet (PDF) - Hittite Microwave Corporation

HMC436MS8G Datasheet PDF - Hittite Microwave Corporation
Part # HMC436MS8G
Download  HMC436MS8G Download
File Size   294.89 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs MMIC DPDT DIVERSITY SWITCH, 4.9 - 5.9 GHz

HMC436MS8G Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC436MS8G Datasheet PDF - Hittite Microwave Corporation

Part # HMC436MS8G
Download  HMC436MS8G Click to download

File Size   294.89 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs MMIC DPDT DIVERSITY SWITCH, 4.9 - 5.9 GHz

HMC436MS8G Datasheet (HTML) - Hittite Microwave Corporation




Similar Part No. - HMC436MS8G

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC436MS8G HITTITE-HMC436MS8G Datasheet
325Kb / 6P
GaAs MMIC DPDT DIVERSITY OR SP3T SWITCH, 4.9 - 5.9 GHz
HMC436MS8G HITTITE-HMC436MS8G_07 Datasheet
325Kb / 6P
GaAs MMIC DPDT DIVERSITY OR SP3T SWITCH, 4.9 - 5.9 GHz
HMC436MS8G HITTITE-HMC436MS8G_10 Datasheet
490Kb / 6P
GaAs MMIC DPDT DIVERSITY OR SP3T SWITCH, 4.9 - 5.9 GHz
More results


Similar Description - HMC436MS8G

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC393MS8G HITTITE-HMC393MS8G Datasheet
258Kb / 6P
GaAs MMIC DPDT DIVERSITY SWITCH, 5.0 - 6.0 GHz
logo
Tyco Electronics
MASWSS0175 MACOM-MASWSS0175 Datasheet
192Kb / 4P
GaAs DPDT Diversity Switch 4.5 - 6.0 GHz
logo
Hittite Microwave Corpo...
HMC393MS8G HITTITE-HMC393MS8G_07 Datasheet
279Kb / 6P
GaAs MMIC DPDT DIVERSITY SWITCH, 5.0 - 6.0 GHz
HMC436MS8G HITTITE-HMC436MS8G_07 Datasheet
325Kb / 6P
GaAs MMIC DPDT DIVERSITY OR SP3T SWITCH, 4.9 - 5.9 GHz
logo
M/A-COM Technology Solu...
MASW-009460 MA-COM-MASW-009460 Datasheet
149Kb / 5P
GaAs DPDT Diversity Switch 0.5 - 3.0 GHz
logo
Hittite Microwave Corpo...
HMC393MS8G HITTITE-HMC393MS8G_08 Datasheet
234Kb / 6P
GaAs MMIC DPDT DIVERSITY SWITCH, 5 - 6 GHz
HMC415LP3 HITTITE-HMC415LP3_09 Datasheet
278Kb / 8P
GaAs InGaP HBT MMIC POWER AMPLIFIER, 4.9 - 5.9 GHz
HMC436MS8G HITTITE-HMC436MS8G_10 Datasheet
490Kb / 6P
GaAs MMIC DPDT DIVERSITY OR SP3T SWITCH, 4.9 - 5.9 GHz
logo
M/A-COM Technology Solu...
MASW-009460 MA-COM-MASW-009460_15 Datasheet
672Kb / 6P
GaAs DPDT Diversity Switch
MASWSS0175 MA-COM-MASWSS0175_15 Datasheet
557Kb / 5P
GaAs DPDT Diversity Switch
More results




About Hittite Microwave Corporation


Hittite Microwave Corporation was a semiconductor company that designed and manufactured high-performance integrated circuits (ICs), modules, and subsystems for radio frequency (RF), microwave, and millimeter-wave applications. The company was founded in 1985 and was based in Chelmsford, Massachusetts.

Hittite Microwave's products were used in various applications, including cellular infrastructure, test and measurement equipment, military and aerospace, broadband, and fiber optics. The company's product portfolio included amplifiers, mixers, switches, attenuators, synthesizers, and other RF and microwave components.

In 2014, Analog Devices, Inc. (ADI), a leading semiconductor company specializing in signal processing and analog technologies, acquired Hittite Microwave Corporation for approximately $2.45 billion. After the acquisition, Hittite Microwave became part of ADI's RF and Microwave business unit.

Today, Analog Devices, Inc. continues to provide high-performance RF and microwave products and solutions for a broad range of applications, leveraging the expertise and technologies gained through the acquisition of Hittite Microwave Corporation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com