Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC393MS8G Datasheet (PDF) - Hittite Microwave Corporation

HMC393MS8G Datasheet PDF - Hittite Microwave Corporation
Part # HMC393MS8G
Download  HMC393MS8G Download
File Size   258.78 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs MMIC DPDT DIVERSITY SWITCH, 5.0 - 6.0 GHz

HMC393MS8G Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC393MS8G Datasheet PDF - Hittite Microwave Corporation

Part # HMC393MS8G
Download  HMC393MS8G Click to download

File Size   258.78 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs MMIC DPDT DIVERSITY SWITCH, 5.0 - 6.0 GHz

HMC393MS8G Datasheet (HTML) - Hittite Microwave Corporation




Similar Part No. - HMC393MS8G

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC393MS8G HITTITE-HMC393MS8G Datasheet
234Kb / 6P
GaAs MMIC DPDT DIVERSITY SWITCH, 5 - 6 GHz
HMC393MS8G HITTITE-HMC393MS8G Datasheet
279Kb / 6P
GaAs MMIC DPDT DIVERSITY SWITCH, 5.0 - 6.0 GHz
HMC393MS8GE HITTITE-HMC393MS8GE Datasheet
234Kb / 6P
GaAs MMIC DPDT DIVERSITY SWITCH, 5 - 6 GHz
HMC393MS8G HITTITE-HMC393MS8G_07 Datasheet
279Kb / 6P
GaAs MMIC DPDT DIVERSITY SWITCH, 5.0 - 6.0 GHz
HMC393MS8G HITTITE-HMC393MS8G_08 Datasheet
234Kb / 6P
GaAs MMIC DPDT DIVERSITY SWITCH, 5 - 6 GHz
More results


Similar Description - HMC393MS8G

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASWSS0039 MACOM-MASWSS0039 Datasheet
143Kb / 4P
GaAs DPDT Diversity Switch 4.5 - 6.0 GHz
MASWSS0129 MACOM-MASWSS0129 Datasheet
125Kb / 4P
GaAs Broadband DPDT Diversity Switch DC - 6.0 GHz
MASWSS0175 MACOM-MASWSS0175 Datasheet
192Kb / 4P
GaAs DPDT Diversity Switch 4.5 - 6.0 GHz
logo
Hittite Microwave Corpo...
HMC393MS8G HITTITE-HMC393MS8G_07 Datasheet
279Kb / 6P
GaAs MMIC DPDT DIVERSITY SWITCH, 5.0 - 6.0 GHz
logo
M/A-COM Technology Solu...
MASWSS0175 MA-COM-MASWSS0175 Datasheet
87Kb / 4P
GaAs DPDT Diversity Switch DC - 6.0 GHz
MASWSS0190 MA-COM-MASWSS0190 Datasheet
120Kb / 4P
GaAs Broadband DPDT Diversity Switch 2.0 - 6.0 GHz
MASWSS0039 MA-COM-MASWSS0039 Datasheet
108Kb / 4P
GaAs DPDT Diversity Switch 4.5 - 6.0 GHz
MASWSS0175-V1-NOV09 MA-COM-MASWSS0175-V1-NOV09 Datasheet
105Kb / 4P
GaAs DPDT Diversity Switch 4.5 - 6.0 GHz
MASWSS0190 MA-COM-MASWSS0190 Datasheet
120Kb / 4P
GaAs Broadband DPDT Diversity Switch 2.0 - 6.0 GHz
MASWSS0107 MA-COM-MASWSS0107_15 Datasheet
553Kb / 5P
GaAs Broadband DPDT Diversity Switch 1.0 - 6.0 GHz
More results




About Hittite Microwave Corporation


Hittite Microwave Corporation was a semiconductor company that designed and manufactured high-performance integrated circuits (ICs), modules, and subsystems for radio frequency (RF), microwave, and millimeter-wave applications. The company was founded in 1985 and was based in Chelmsford, Massachusetts.

Hittite Microwave's products were used in various applications, including cellular infrastructure, test and measurement equipment, military and aerospace, broadband, and fiber optics. The company's product portfolio included amplifiers, mixers, switches, attenuators, synthesizers, and other RF and microwave components.

In 2014, Analog Devices, Inc. (ADI), a leading semiconductor company specializing in signal processing and analog technologies, acquired Hittite Microwave Corporation for approximately $2.45 billion. After the acquisition, Hittite Microwave became part of ADI's RF and Microwave business unit.

Today, Analog Devices, Inc. continues to provide high-performance RF and microwave products and solutions for a broad range of applications, leveraging the expertise and technologies gained through the acquisition of Hittite Microwave Corporation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com