Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MASWSS0175 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

MASWSS0175 Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # MASWSS0175
Download  MASWSS0175 Download
File Size   87.36 Kbytes
Page   4 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description GaAs DPDT Diversity Switch DC - 6.0 GHz

MASWSS0175 Datasheet (PDF)

Go To PDF Page Download Datasheet
MASWSS0175 Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # MASWSS0175
Download  MASWSS0175 Click to download

File Size   87.36 Kbytes
Page   4 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description GaAs DPDT Diversity Switch DC - 6.0 GHz

MASWSS0175 Datasheet (HTML) - M/A-COM Technology Solutions, Inc.


MASWSS0175 Product details

Description
The MASWSS0175 is a GaAs pHEMT MMIC DPDT diversity switch in a lead-free 3 mm 12-lead PQFN package. It is designed for low insertion loss and allows for independent control and selection of each switch path. It integrates blocking capacitors on all RF ports and thus eliminates the need for additional off-chip DC blocking capacitors.

Features
• Low Insertion Loss: 0.8 dB at 5.2 GHz
• Ideal for WLAN IEEE 802.11a
• 0.5 micron GaAs PHEMT Process
• Integrated DC Blocking Capacitors
• Lead-Free 3 mm 12-Lead PQFN Package
• 100% Matte Tin Plating over Copper
• Halogen-Free "Green" Mold Compound
• 260°C Reflow Compatible
• RoHS* Compliant Version of MASWSS0039




Similar Part No. - MASWSS0175

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASWSS0175 MACOM-MASWSS0175 Datasheet
192Kb / 4P
GaAs DPDT Diversity Switch 4.5 - 6.0 GHz
logo
M/A-COM Technology Solu...
MASWSS0175 MA-COM-MASWSS0175 Datasheet
557Kb / 5P
GaAs DPDT Diversity Switch
MASWSS0175-V1-NOV09 MA-COM-MASWSS0175-V1-NOV09 Datasheet
105Kb / 4P
GaAs DPDT Diversity Switch 4.5 - 6.0 GHz
logo
Tyco Electronics
MASWSS0175SMB MACOM-MASWSS0175SMB Datasheet
192Kb / 4P
GaAs DPDT Diversity Switch 4.5 - 6.0 GHz
logo
M/A-COM Technology Solu...
MASWSS0175SMB MA-COM-MASWSS0175SMB Datasheet
557Kb / 5P
GaAs DPDT Diversity Switch
More results


Similar Description - MASWSS0175

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASWSS0094 MACOM-MASWSS0094 Datasheet
141Kb / 5P
GaAs Broadband DPDT Diversity Switch DC - 6.0 GHz
MASW-007656 MACOM-MASW-007656 Datasheet
142Kb / 6P
GaAs Broadband DPDT Diversity Switch DC - 6.0 GHz
MASWSS0039 MACOM-MASWSS0039 Datasheet
143Kb / 4P
GaAs DPDT Diversity Switch 4.5 - 6.0 GHz
MASWSS0129 MACOM-MASWSS0129 Datasheet
125Kb / 4P
GaAs Broadband DPDT Diversity Switch DC - 6.0 GHz
MASWSS0175 MACOM-MASWSS0175 Datasheet
192Kb / 4P
GaAs DPDT Diversity Switch 4.5 - 6.0 GHz
logo
M/A-COM Technology Solu...
MASWSS0039 MA-COM-MASWSS0039 Datasheet
108Kb / 4P
GaAs DPDT Diversity Switch 4.5 - 6.0 GHz
MASWSS0094 MA-COM-MASWSS0094 Datasheet
119Kb / 5P
GaAs Broadband DPDT Diversity Switch DC - 6.0 GHz
MASWSS0129 MA-COM-MASWSS0129 Datasheet
104Kb / 4P
GaAs Broadband DPDT Diversity Switch DC - 6.0 GHz
MASWSS0175-V1-NOV09 MA-COM-MASWSS0175-V1-NOV09 Datasheet
105Kb / 4P
GaAs DPDT Diversity Switch 4.5 - 6.0 GHz
MASWSS0107 MA-COM-MASWSS0107_15 Datasheet
553Kb / 5P
GaAs Broadband DPDT Diversity Switch 1.0 - 6.0 GHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com