Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MASW-007656 Datasheet (PDF) - Tyco Electronics

MASW-007656 Datasheet PDF - Tyco Electronics
Part # MASW-007656
Download  MASW-007656 Download
File Size   142.98 Kbytes
Page   6 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description GaAs Broadband DPDT Diversity Switch DC - 6.0 GHz

MASW-007656 Datasheet (PDF)

Go To PDF Page Download Datasheet
MASW-007656 Datasheet PDF - Tyco Electronics

Part # MASW-007656
Download  MASW-007656 Click to download

File Size   142.98 Kbytes
Page   6 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description GaAs Broadband DPDT Diversity Switch DC - 6.0 GHz

MASW-007656 Datasheet (HTML) - Tyco Electronics


MASW-007656 Product details

Description
M/A-COM’s MASW-007656 is a broadband GaAs PHEMT MMIC diversity switch available in a low cost, lead-free 3 mm 12-lead PQFN package. The MASW-007656 is ideally suited for applications where very small size and low cost are required.

Features
• 802.11a + b/g Dual Band Applications
• Broadband Performance: DC - 6.0 GHz
• Low Insertion Loss: 0.75 dB @ 2.4 GHz
                                   1.2 dB @ 5.3 GHz
• High Isolation: 43 dB @ 2.4 GHz
                          27 dB @ 5.3 GHz
• Fast Switching Speed: 0.5 µm GaAs PHEMT
• Lead-Free 3 mm 12-lead PQFN Package
• 100% Matte Tin Plating over Copper
• Halogen-Free “Green” Mold Compound
• 260°C Reflow Compatible




Similar Part No. - MASW-007656

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASW-007070-000100 MACOM-MASW-007070-000100 Datasheet
266Kb / 5P
GaAs SPST Switch, Absorptive, Single Supply, DC-4.0 GHz
logo
M/A-COM Technology Solu...
MASW-007070-000100 MA-COM-MASW-007070-000100 Datasheet
154Kb / 5P
GaAs SPST Switch, Absorptive, Single Supply, DC-4.0 GHz
logo
Tyco Electronics
MASW-007070-0001TB MACOM-MASW-007070-0001TB Datasheet
266Kb / 5P
GaAs SPST Switch, Absorptive, Single Supply, DC-4.0 GHz
logo
M/A-COM Technology Solu...
MASW-007070-0001TB MA-COM-MASW-007070-0001TB Datasheet
154Kb / 5P
GaAs SPST Switch, Absorptive, Single Supply, DC-4.0 GHz
logo
Tyco Electronics
MASW-007070-0001TR MACOM-MASW-007070-0001TR Datasheet
266Kb / 5P
GaAs SPST Switch, Absorptive, Single Supply, DC-4.0 GHz
More results


Similar Description - MASW-007656

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASWSS0190 MACOM-MASWSS0190 Datasheet
148Kb / 4P
GaAs Broadband DPDT Diversity Switch 2.0 - 6.0 GHz
MASWSS0094 MACOM-MASWSS0094 Datasheet
141Kb / 5P
GaAs Broadband DPDT Diversity Switch DC - 6.0 GHz
MASWSS0107 MACOM-MASWSS0107 Datasheet
185Kb / 4P
GaAs Broadband DPDT Diversity Switch 1.0 - 6.0 GHz
MASWSS0129 MACOM-MASWSS0129 Datasheet
125Kb / 4P
GaAs Broadband DPDT Diversity Switch DC - 6.0 GHz
logo
M/A-COM Technology Solu...
MASWSS0190 MA-COM-MASWSS0190 Datasheet
120Kb / 4P
GaAs Broadband DPDT Diversity Switch 2.0 - 6.0 GHz
MASWSS0094 MA-COM-MASWSS0094 Datasheet
119Kb / 5P
GaAs Broadband DPDT Diversity Switch DC - 6.0 GHz
MASWSS0107 MA-COM-MASWSS0107 Datasheet
76Kb / 4P
GaAs Broadband DPDT Diversity Switch 1.0 - 6.0 GHz
MASWSS0129 MA-COM-MASWSS0129 Datasheet
104Kb / 4P
GaAs Broadband DPDT Diversity Switch DC - 6.0 GHz
MASWSS0190 MA-COM-MASWSS0190 Datasheet
120Kb / 4P
GaAs Broadband DPDT Diversity Switch 2.0 - 6.0 GHz
MASWSS0107 MA-COM-MASWSS0107_15 Datasheet
553Kb / 5P
GaAs Broadband DPDT Diversity Switch 1.0 - 6.0 GHz
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com