Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MASW-007656 Datasheet(PDF) 3 Page - Tyco Electronics

Part # MASW-007656
Description  GaAs Broadband DPDT Diversity Switch DC - 6.0 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MASW-007656 Datasheet(HTML) 3 Page - Tyco Electronics

  MASW-007656 Datasheet HTML 1Page - Tyco Electronics MASW-007656 Datasheet HTML 2Page - Tyco Electronics MASW-007656 Datasheet HTML 3Page - Tyco Electronics MASW-007656 Datasheet HTML 4Page - Tyco Electronics MASW-007656 Datasheet HTML 5Page - Tyco Electronics MASW-007656 Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
GaAs Broadband DPDT Diversity Switch
DC - 6.0 GHz
MASW-007656
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V1P
3
RoHS
Compliant
Control
VC1
Control
VC2
ANT 1
- Rx
ANT 1
- Tx
ANT 2
- Tx
ANT 2
- Rx
1
0
On
Off
On
Off
0
1
Off
On
Off
On
1
1
Off
Off
Off
Off
0
0
Off
Off
Off
Off
Truth Table
7,8
7. 1 = +2.9 V to +5 V, 0 = 0 V + 0.2 V.
8. Differential voltage, V(state 1) - V(state 0), must be 2.7 V
minimum and must not exceed 8.5 V.
Application Schematic
C1, C2, C3, C4 = 8 pF
GND
GND
GND
Vc2
Vc1
GND
C2
C1
C4
C3
GND
GND
GND
Vc2
Vc1
GND
GND
GND
GND
Vc2
Vc1
GND
C2
C1
C4
C3
Parameter
Absolute Maximum
Input Power @ 3 V Control
+31 dBm
Input Power @ 5 V Control
+34 dBm
Voltage
± 8.5 volts
Operating Temperature
-40
°C to +85°C
Storage Temperature
-65
°C to +150°C
Absolute Maximum Ratings
5,6
5. Exceeding any one or combination of these limits may cause
permanent damage to this device.
6. M/A-COM does not recommend sustained operation near
these survivability limits.
Handling Procedures
Please observe the following precautions to avoid
damage:
Static Sensitivity
Gallium Arsenide Integrated Circuits are sensitive
to electrostatic discharge (ESD) and can be
damaged by static electricity. Proper ESD control
techniques should be used when handling these
devices.
Evaluation Board for Lead-Free 3 mm 12-lead PQFN Package
C4
C3
C1
C2
U1
C4
C3
C1
C2
U1



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com