Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MASW-007656 Datasheet(PDF) 2 Page - Tyco Electronics

Part # MASW-007656
Description  GaAs Broadband DPDT Diversity Switch DC - 6.0 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MASW-007656 Datasheet(HTML) 2 Page - Tyco Electronics

  MASW-007656 Datasheet HTML 1Page - Tyco Electronics MASW-007656 Datasheet HTML 2Page - Tyco Electronics MASW-007656 Datasheet HTML 3Page - Tyco Electronics MASW-007656 Datasheet HTML 4Page - Tyco Electronics MASW-007656 Datasheet HTML 5Page - Tyco Electronics MASW-007656 Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
GaAs Broadband DPDT Diversity Switch
DC - 6.0 GHz
MASW-007656
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V1P
2
RoHS
Compliant
Electrical Specifications: TA = 25°C, Z0 = 50Ω, Vc = 0 V / 3 V, 8 pF Capacitor
3
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Insertion Loss
4
2.4 GHz
2 - 4 GHz
4 - 5 GHz
5.3 GHz
dB
dB
dB
dB
—
—
—
—
0.75
0.80
1.00
1.20
—
—
—
—
Isolation
(on/off or off/on)
2.4 GHz
4.9 - 6 GHz
dB
dB
—
—
43
27
—
—
Return Loss
2.4 GHz
4.9 - 6 GHz
dB
dB
—
—
20
10
—
—
IP2
Two Tone, 15 dBm/Tone, 5 MHz Spacing
2.4 GHz
5.3 GHz
5.8 GHz
dBm
dBm
dBm
—
—
—
93
86
84
—
—
—
IP3
Two Tone, 15 dBm/Tone, 5 MHz Spacing
2.4 GHz
5.3 GHz
5.8 GHz
dBm
dBm
dBm
—
—
—
55
52
51
—
—
—
Input P-1dB
2.4 GHz
5.3 GHz
5.8 GHz
dBm
dBm
dBm
—
—
—
35
31
31
—
—
—
2
nd Harmonic
PIN = 20 dBm
2.4 GHz
5.8 GHz
dBc
dBc
—
—
-76
-70
—
—
3
rd Harmonic
PIN = 20 dBm
2.4 GHz
5.8 GHz
dBc
dBc
—
—
-76
-77
—
—
Trise, Tfall
10% to 90% RF
90% to 10% RF
nS
nS
—
—
80
88
—
—
Ton, Toff
50% control to 90% RF, and 50% control to 10% RF
nS
—
120
—
Transients
—
mV
—
6
—
Control Current
|Vc| = 3 V
µA
—
6
—
Isolation
(on/on or off/off)
2.4 GHz
4.9 - 6 GHz
dB
dB
—
—
7
12
—
—
3. For positive voltage control, external DC blocking capacitors are required on all RF ports.
4. Insertion loss can be optimized by varying the DC blocking capacitor value.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com