Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC3532 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # TC3532
Description  4.9 - 6 GHz 29dBm MMIC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

TC3532 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  TC3532 Datasheet HTML 1Page - List of Unclassifed Manufacturers TC3532 Datasheet HTML 2Page - List of Unclassifed Manufacturers TC3532 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TC3532
REV.4_04/12/2004
TRANSCOM, INC., 90 Dasoong 7th Road, Tainan Science-Based Industrial Park, Hsin-She Shiang, Tainan County, Taiwan, R.O.C.
Web-Site: www.transcominc.com.tw
Phone: 886-6-5050086
Fax: 886-6-5051602
P 2 / 2
RF IN
996
C3
TC3532
C2
C1
C4
Vd
1156
RF OUT
TEST CIRCUITS
Evaluation Board Schematic
EVALUATION BOARD
DXF file of the PCB can be downloaded from our web-site at www.transcominc.com.tw
PCB Material: RO4003
ER = 3.38
Thickness = 20 mil
Unit: mil
NC
NC
NC
NC
TC3532
NC
NC
Application Notes:
For better heat sinking and grounding,
it's recommended to have the via holes
beneath TC3532 filled with solder and
have two screws besides TC3532
installed on the PCB area.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com