Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMP110-P1 Datasheet (PDF) - Excelics Semiconductor, Inc.

EMP110-P1 Datasheet PDF - Excelics Semiconductor, Inc.
Part # EMP110-P1
Download  EMP110-P1 Download
File Size   94.2 Kbytes
Page   2 Pages
Manufacturer  EXCELICS [Excelics Semiconductor, Inc.]
Direct Link  
Logo EXCELICS - Excelics Semiconductor, Inc.
Description 5.8 - 8.0 GHz Power Amplifier MMIC

EMP110-P1 Datasheet (PDF)

Go To PDF Page Download Datasheet
EMP110-P1 Datasheet PDF - Excelics Semiconductor, Inc.

Part # EMP110-P1
Download  EMP110-P1 Click to download

File Size   94.2 Kbytes
Page   2 Pages
Manufacturer  EXCELICS [Excelics Semiconductor, Inc.]
Direct Link  
Logo EXCELICS - Excelics Semiconductor, Inc.
Description 5.8 - 8.0 GHz Power Amplifier MMIC

EMP110-P1 Datasheet (HTML) - Excelics Semiconductor, Inc.


EMP110-P1 Product details

FEATURES
• 5.8 – 8.0 GHz Operating Frequency Range
• 27.0dBm Output Power at 1dB Compression
• 19.0 dB Typical Small Signal Gain
• -40dBc OIMD3 @Each Tone Pout 17dBm

APPLICATIONS
• Point-to-point and point-to-multipoint radio
• Military Radar Systems




Similar Part No. - EMP110-P1

ManufacturerPart #DatasheetDescription
logo
Excelics Semiconductor,...
EMP110-Q5 EXCELICS-EMP110-Q5 Datasheet
129Kb / 3P
5.8 - 8.0 GHz Surface-Mounted PA
More results


Similar Description - EMP110-P1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TAG-3210 ETC1-TAG-3210 Datasheet
158Kb / 2P
5.8 - 6.4 GHz GaAs MMIC Power Amplifier
logo
Eudyna Devices Inc
FMM5056VF EUDYNA-FMM5056VF Datasheet
318Kb / 8P
5.8-7.2GHz Power Amplifier MMIC
logo
ATMEL Corporation
ATR7040 ATMEL-ATR7040 Datasheet
118Kb / 8P
5.8 GHz WDCT Power Amplifier
ATR7035 ATMEL-ATR7035_05 Datasheet
178Kb / 3P
5.8 GHz WDCT Power Amplifier
logo
Transcom, Inc.
TC3531 TRANSCOM-TC3531 Datasheet
83Kb / 3P
5.8 GHz 1W MMIC
logo
Excelics Semiconductor,...
EMP103 EXCELICS-EMP103 Datasheet
252Kb / 2P
6.4 - 8.0 GHz Power Amplifier MMIC
EMP103-P2 EXCELICS-EMP103-P2 Datasheet
94Kb / 2P
6.4 - 8.0 GHz Power Amplifier MMIC
EMP107-Q5 EXCELICS-EMP107-Q5 Datasheet
144Kb / 4P
5.8 - 8.0 GHz Surface-Mounted PA
EMP110-Q5 EXCELICS-EMP110-Q5 Datasheet
129Kb / 3P
5.8 - 8.0 GHz Surface-Mounted PA
RFMA5880-0.1W-02 EXCELICS-RFMA5880-0.1W-02 Datasheet
174Kb / 2P
5.8 - 8.0 GHz Power Amplifier MMIC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com