Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMP110-Q5 Datasheet (PDF) - Excelics Semiconductor, Inc.

EMP110-Q5 Datasheet PDF - Excelics Semiconductor, Inc.
Part # EMP110-Q5
Download  EMP110-Q5 Download
File Size   129.98 Kbytes
Page   3 Pages
Manufacturer  EXCELICS [Excelics Semiconductor, Inc.]
Direct Link  
Logo EXCELICS - Excelics Semiconductor, Inc.
Description 5.8 - 8.0 GHz Surface-Mounted PA

EMP110-Q5 Datasheet (PDF)

Go To PDF Page Download Datasheet
EMP110-Q5 Datasheet PDF - Excelics Semiconductor, Inc.

Part # EMP110-Q5
Download  EMP110-Q5 Click to download

File Size   129.98 Kbytes
Page   3 Pages
Manufacturer  EXCELICS [Excelics Semiconductor, Inc.]
Direct Link  
Logo EXCELICS - Excelics Semiconductor, Inc.
Description 5.8 - 8.0 GHz Surface-Mounted PA

EMP110-Q5 Datasheet (HTML) - Excelics Semiconductor, Inc.


EMP110-Q5 Product details

FEATURES
• 5.8 – 8.0 GHz Operating Frequency Range
• 27 dBm Output Power at 1dB Compression
• 18.0 dB Typical Small Signal Gain
• -40dBc OIMD3 @Each Tone Pout 17dBm

APPLICATIONS
• Point-to-point and point-to-multipoint radio
• Military Radar Systems




Similar Part No. - EMP110-Q5

ManufacturerPart #DatasheetDescription
logo
Excelics Semiconductor,...
EMP110-P1 EXCELICS-EMP110-P1 Datasheet
94Kb / 2P
5.8 - 8.0 GHz Power Amplifier MMIC
More results


Similar Description - EMP110-Q5

ManufacturerPart #DatasheetDescription
logo
Excelics Semiconductor,...
EMP103-Q5 EXCELICS-EMP103-Q5 Datasheet
144Kb / 4P
6.4 - 8.0 GHz Surface-Mounted PA
EMP106-Q5 EXCELICS-EMP106-Q5 Datasheet
125Kb / 3P
5.0 - 6.4 GHz Surface-Mounted PA
EMP107-Q5 EXCELICS-EMP107-Q5 Datasheet
144Kb / 4P
5.8 - 8.0 GHz Surface-Mounted PA
EMP110-P1 EXCELICS-EMP110-P1 Datasheet
94Kb / 2P
5.8 - 8.0 GHz Power Amplifier MMIC
EMP114-Q5 EXCELICS-EMP114-Q5 Datasheet
125Kb / 3P
7.0 - 9.0 GHz Surface-Mounted PA
EMP208-Q5 EXCELICS-EMP208-Q5 Datasheet
124Kb / 3P
17.5 - 20.0 GHz Surface-Mounted PA
EMP210-Q5 EXCELICS-EMP210-Q5 Datasheet
143Kb / 4P
9.5 - 12.0 GHz Surface-Mounted PA
RFMA5872-1W-Q7 EXCELICS-RFMA5872-1W-Q7 Datasheet
130Kb / 3P
5.8 - 7.2 GHz High Gain Surface-Mounted PA
RFMA5880-0.1W-02 EXCELICS-RFMA5880-0.1W-02 Datasheet
174Kb / 2P
5.8 - 8.0 GHz Power Amplifier MMIC
RFMA5880-0.5W-Q7 EXCELICS-RFMA5880-0.5W-Q7 Datasheet
130Kb / 3P
5.8 - 8.0 GHz High Gain Surface-Mounted PA
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com