Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATR7040 Datasheet (PDF) - ATMEL Corporation

ATR7040 Datasheet PDF - ATMEL Corporation
Part # ATR7040
Download  ATR7040 Download
File Size   118.37 Kbytes
Page   8 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 5.8 GHz WDCT Power Amplifier

ATR7040 Datasheet (PDF)

Go To PDF Page Download Datasheet
ATR7040 Datasheet PDF - ATMEL Corporation

Part # ATR7040
Download  ATR7040 Click to download

File Size   118.37 Kbytes
Page   8 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 5.8 GHz WDCT Power Amplifier

ATR7040 Datasheet (HTML) - ATMEL Corporation


ATR7040 Product details

Description
1.1 Process
This 5-GHz power amplifier (PA) is designed using Atmel’s Silicon-Germanium (SiGe) process and provides high efficiency.

1.2 Circuitry
The PA, ATR7040, consists of a three-stage amplifier with a typical output power of 25 dBm. The output stage was implemented using an open-collector structure. Power up, power down, and output level are controlled at bias control pin 6 (Vctl).

Features
• Frequency Range 5 GHz to 6 GHz
• Pout 25 dBm at 5.8 GHz
• Gain Typically 30 dB
• Pin Typically 0 dBm
• VCC 2.7V to 3.8V
• Power Consumption in Power-down Mode Typically < 1 µA
• Package: QFN16 3 mm × 3 mm

Benefits
• Biasing Control Extends Battery Time
• Simple Input and Output Matching
• Only One Single Supply Required
• No High-side Switching Transistor Required




Similar Part No. - ATR7040

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATR7032 ATMEL-ATR7032 Datasheet
411Kb / 15P
High Gain Power Amplifier for 802.11bg WLAN Systems
ATR7032-DEV-BOARD ATMEL-ATR7032-DEV-BOARD Datasheet
411Kb / 15P
High Gain Power Amplifier for 802.11bg WLAN Systems
ATR7032-PVPW ATMEL-ATR7032-PVPW Datasheet
411Kb / 15P
High Gain Power Amplifier for 802.11bg WLAN Systems
ATR7032-PVQW ATMEL-ATR7032-PVQW Datasheet
411Kb / 15P
High Gain Power Amplifier for 802.11bg WLAN Systems
ATR7035 ATMEL-ATR7035 Datasheet
167Kb / 3P
ATR7035 ATR7035
More results


Similar Description - ATR7040

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TAG-3210 ETC1-TAG-3210 Datasheet
158Kb / 2P
5.8 - 6.4 GHz GaAs MMIC Power Amplifier
logo
ATMEL Corporation
ATR7035 ATMEL-ATR7035_05 Datasheet
178Kb / 3P
5.8 GHz WDCT Power Amplifier
ATR2820 ATMEL-ATR2820 Datasheet
111Kb / 4P
Low IF WDCT 5.8 GHz Transceiver
ATR2820 ATMEL-ATR2820_08 Datasheet
157Kb / 4P
Low IF WDCT 5.8 GHz Transceiver
logo
Excelics Semiconductor,...
EIM5864-4 EXCELICS-EIM5864-4 Datasheet
184Kb / 3P
5.8 -6.4 GHz Multi-Stage Power Amplifier
EMP110-P1 EXCELICS-EMP110-P1 Datasheet
94Kb / 2P
5.8 - 8.0 GHz Power Amplifier MMIC
RFMA5880-0.1W-02 EXCELICS-RFMA5880-0.1W-02 Datasheet
174Kb / 2P
5.8 - 8.0 GHz Power Amplifier MMIC
logo
Silicon Storage Technol...
SST11LP12 SST-SST11LP12_10 Datasheet
532Kb / 12P
4.9-5.8 GHz High-Linearity Power Amplifier
SST11CP15 SST-SST11CP15 Datasheet
647Kb / 11P
4.9-5.8 GHz High-Linearity Power Amplifier
logo
List of Unclassifed Man...
AR1100-IMQ ETC2-AR1100-IMQ Datasheet
532Kb / 12P
4.9-5.8 GHz High-Linearity Power Amplifier
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com