Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATR7032-DEV-BOARD Datasheet (PDF) - ATMEL Corporation

ATR7032-DEV-BOARD Datasheet PDF - ATMEL Corporation
Part # ATR7032-DEV-BOARD
Download  ATR7032-DEV-BOARD Download
File Size   411.29 Kbytes
Page   15 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description High Gain Power Amplifier for 802.11bg WLAN Systems

ATR7032-DEV-BOARD Datasheet (PDF)

Go To PDF Page Download Datasheet
ATR7032-DEV-BOARD Datasheet PDF - ATMEL Corporation

Part # ATR7032-DEV-BOARD
Download  ATR7032-DEV-BOARD Click to download

File Size   411.29 Kbytes
Page   15 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description High Gain Power Amplifier for 802.11bg WLAN Systems

ATR7032-DEV-BOARD Datasheet (HTML) - ATMEL Corporation


ATR7032-DEV-BOARD Product details

Description

This power amplifier (PA) is designed for high-performance 802.11b and 802.11g multi-mode applications such as Mini PCI and PCMCIA for portable devices and access points. The low profile plastic package with internal input matching to 50Ω and on-chip interstage matching minimizes the PCB board-space and allows simplified integration with very few passive components. The on-chip power detector provides a voltage linear to the output power, while the standby/bias control logic provides power-saving and shutdown options. The PA is realized as a three stage PA with

internal interstage matching and an open-collector output structure.



Features

• Frequency Range 2.4 GHz to 2.5 GHz

• Supply Voltage 2.7V to 3.6V

• 32 dB Power Gain

• 23 dBm Linear Output Power for IEEE 802.11b Mode Operation

• EVM < 2.0% at 19 dBm Output Power for IEEE 802.11g Mode Operation

• On-chip Power Detector with 20 dB Dynamic Range

• Power-down Mode and Biasing Control

• Input and Interstage Matching Fully On-chip

• Low Profile Lead-free Plastic Package QFN16 (3 ×3 ×0.9 mm)



Applications

• IEEE 802.11b DSSS WLAN

• IEEE 802.11g OFDM WLAN

• PC Cards, PCMCIA, Access Points

• 2.4 GHz ISM Band Application




Similar Part No. - ATR7032-DEV-BOARD

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATR7035 ATMEL-ATR7035 Datasheet
167Kb / 3P
ATR7035 ATR7035
ATR7035-PEQ ATMEL-ATR7035-PEQ Datasheet
167Kb / 3P
ATR7035 ATR7035
ATR7035-PEQG ATMEL-ATR7035-PEQG Datasheet
178Kb / 3P
5.8 GHz WDCT Power Amplifier
ATR7035-PES ATMEL-ATR7035-PES Datasheet
167Kb / 3P
ATR7035 ATR7035
ATR7035-PESG ATMEL-ATR7035-PESG Datasheet
178Kb / 3P
5.8 GHz WDCT Power Amplifier
More results


Similar Description - ATR7032-DEV-BOARD

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PMB8825 INFINEON-PMB8825 Datasheet
188Kb / 2P
Dual-Band Power Amplifier for WLAN Systems
2003
logo
ATMEL Corporation
ATR3515 ATMEL-ATR3515 Datasheet
165Kb / 7P
5-GHz WLAN Power Amplifier for 802.11a
logo
Skyworks Solutions Inc.
SKY65135 SKYWORKS-SKY65135 Datasheet
492Kb / 13P
WLAN Power Amplifier
SKY65131 SKYWORKS-SKY65131_05 Datasheet
243Kb / 10P
WLAN Power Amplifier Module
SKY65132 SKYWORKS-SKY65132_06 Datasheet
471Kb / 10P
WLAN Power Amplifier Module
logo
TriQuint Semiconductor
TQP5523 TRIQUINT-TQP5523_15 Datasheet
740Kb / 10P
High Power 5 GHz WLAN Power Amplifier
TQP5525 TRIQUINT-TQP5525_15 Datasheet
748Kb / 9P
High Power 5 GHz WLAN Power Amplifier
logo
Skyworks Solutions Inc.
SKY85405-11 SKYWORKS-SKY85405-11 Datasheet
171Kb / 2P
High-Power 802.11ac WLAN Power Amplifier
SKY65131 SKYWORKS-SKY65131_08 Datasheet
264Kb / 10P
WLAN Power Amplifier Module
SKY65137-11 SKYWORKS-SKY65137-11 Datasheet
2Mb / 14P
Power Amplifier for 802.11a WLAN Applications
March 25, 2011
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com