Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BUH51 Datasheet (PDF) - ON Semiconductor

BUH51 Datasheet PDF - ON Semiconductor
Part # BUH51
Download  BUH51 Download
File Size   387.72 Kbytes
Page   10 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description POWER TRANSISTOR 3 AMPERES 800 VOLTS 50 WATTS

BUH51 Datasheet (PDF)

Go To PDF Page Download Datasheet
BUH51 Datasheet PDF - ON Semiconductor

Part # BUH51
Download  BUH51 Click to download

File Size   387.72 Kbytes
Page   10 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description POWER TRANSISTOR 3 AMPERES 800 VOLTS 50 WATTS

BUH51 Datasheet (HTML) - ON Semiconductor


BUH51 Product details

SWITCHMODE™ NPN Silicon Planar Power Transistor

The BUH51 has an application specific state−of−art die designed for use in 50 W Halogen electronic transformers.
This power transistor is specifically designed to sustain the large inrush current during either the startup conditions or under a short circuit across the load.

• Improved Efficiency Due to the Low Base Drive Requirements:
   High and Flat DC Current Gain hFE
   Fast Switching
• Epoxy Meets UL 94, V−0 @ 0.125 in
• ESD Ratings:
   Machine Model, C
   Human Body Model, 3B




Similar Part No. - BUH51

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BUH51 MOTOROLA-BUH51 Datasheet
387Kb / 10P
POWER TRANSISTOR 3 AMPERES 800 VOLTS 50 WATTS
logo
STMicroelectronics
BUH513 STMICROELECTRONICS-BUH513 Datasheet
100Kb / 7P
HIGH VOLTAGE FASTSWITCHING NPN POWER TRANSISTOR
Jun-1996
BUH515 STMICROELECTRONICS-BUH515 Datasheet
85Kb / 7P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Nov-1999
logo
Savantic, Inc.
BUH515 SAVANTIC-BUH515 Datasheet
147Kb / 3P
Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
BUH515 ISC-BUH515 Datasheet
131Kb / 3P
Silicon NPN Power Transistors
More results


Similar Description - BUH51

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BUH50 MOTOROLA-BUH50 Datasheet
478Kb / 10P
POWER TRANSISTOR 4 AMPERES 800 VOLTS 50 WATTS
BUH51 MOTOROLA-BUH51 Datasheet
387Kb / 10P
POWER TRANSISTOR 3 AMPERES 800 VOLTS 50 WATTS
BUL44D2 MOTOROLA-BUL44D2 Datasheet
504Kb / 12P
POWER TRANSISTORS 2 AMPERES 700 VOLTS 50 WATTS
BUX85 MOTOROLA-BUX85 Datasheet
115Kb / 4P
2 AMPERES POWER TRANSISTOR NPN SILICON 450 VOLTS 50 WATTS
MJ16018 MOTOROLA-MJ16018 Datasheet
366Kb / 8P
POWER TRANSISTORS 10 AMPERES 800 VOLTS 125 AND 175 WATTS
MJE18002 MOTOROLA-MJE18002 Datasheet
254Kb / 10P
POWER TRANSISTOR 2.0 AMPERES 1000 VOLTS 25 and 50 WATTS
MJE18002D2 MOTOROLA-MJE18002D2 Datasheet
152Kb / 4P
POWER TRANSISTORS 2 AMPERES 1000 VOLTS 50 WATTS
logo
ON Semiconductor
BUH50 ONSEMI-BUH50 Datasheet
478Kb / 10P
POWER TRANSISTOR 4 AMPERES 800 VOLTS 50 WATTS
BUL44D2 ONSEMI-BUL44D2 Datasheet
504Kb / 12P
POWER TRANSISTORS 2 AMPERES 700 VOLTS 50 WATTS
1995
MJD18002D2 ONSEMI-MJD18002D2 Datasheet
129Kb / 11P
POWER TRANSISTOR 2 AMPERES 1000 VOLTS, 50 WATTS Bipolar NPN Transistor
January, 2006 ??Rev. 2
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com