Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BUX85 Datasheet (PDF) - Motorola, Inc

BUX85 Datasheet PDF - Motorola, Inc
Part # BUX85
Download  BUX85 Download
File Size   115.76 Kbytes
Page   4 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description 2 AMPERES POWER TRANSISTOR NPN SILICON 450 VOLTS 50 WATTS

BUX85 Datasheet (PDF)

Go To PDF Page Download Datasheet
BUX85 Datasheet PDF - Motorola, Inc

Part # BUX85
Download  BUX85 Click to download

File Size   115.76 Kbytes
Page   4 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description 2 AMPERES POWER TRANSISTOR NPN SILICON 450 VOLTS 50 WATTS

BUX85 Datasheet (HTML) - Motorola, Inc


BUX85 Product details

SWITCHMODE NPN Silicon Power Transistors



The BUX85 is designed for high voltage, high speed power switching applications like converters, inverters, switching regulators, motor control systems. SPECIFICATIONS FEATURES:



• VCEO(sus) 450 V

• VCES(sus) 1000 V

• Fall time = 0.3 µs (typ) at IC = 1.0 A

• VCE(sat) = 1.0 V (max) at IC = 1.0 A, IB = 0.2 A



 




Similar Part No. - BUX85

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
BUX85 MOSPEC-BUX85 Datasheet
102Kb / 2P
POWER TRANSISTORS(2A,400-450V,40W)
logo
NXP Semiconductors
BUX85 PHILIPS-BUX85 Datasheet
94Kb / 12P
Silicon diffused power transistors
1997 Aug 13
logo
Siemens Semiconductor G...
BUX85 SIEMENS-BUX85 Datasheet
106Kb / 5P
NPN SILICON POWER TRANSISTORS
logo
Boca Semiconductor Corp...
BUX85 BOCA-BUX85 Datasheet
109Kb / 2P
SWITCHMODE SERIES NPN POWER TRANSISTORS
logo
Bourns Electronic Solut...
BUX85 BOURNS-BUX85 Datasheet
125Kb / 6P
NPN SILICON POWER TRANSISTOR
More results


Similar Description - BUX85

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BU522B MOTOROLA-BU522B Datasheet
105Kb / 4P
7 AMPERES DARLINGTON POWER TRANSISTORS NPN SILICON 450 VOLTS 75 WATTS
BUL44D2 MOTOROLA-BUL44D2 Datasheet
504Kb / 12P
POWER TRANSISTORS 2 AMPERES 700 VOLTS 50 WATTS
BUT11AF MOTOROLA-BUT11AF Datasheet
120Kb / 6P
POWER TRANSISTOR 5.0 AMPERES 450 VOLTS 40 WATTS
BUT34 MOTOROLA-BUT34 Datasheet
287Kb / 8P
50 AMPERES NPN SILICON POWER DARLINGTON TRANSISTOR 850 VOLTS 250 WATTS
BUV20 MOTOROLA-BUV20 Datasheet
142Kb / 4P
50 AMPERES NPN SILICON POWER METAL TRANSISTOR 125 VOLTS 250 WATTS
MJ16020 MOTOROLA-MJ16020 Datasheet
168Kb / 4P
NPN SILICON POWER TRANSISTOR 30 AMPERES 450 VOLTS
MJE18002D2 MOTOROLA-MJE18002D2 Datasheet
152Kb / 4P
POWER TRANSISTORS 2 AMPERES 1000 VOLTS 50 WATTS
logo
ON Semiconductor
BUL44D2 ONSEMI-BUL44D2 Datasheet
504Kb / 12P
POWER TRANSISTORS 2 AMPERES 700 VOLTS 50 WATTS
1995
MJD18002D2 ONSEMI-MJD18002D2 Datasheet
129Kb / 11P
POWER TRANSISTOR 2 AMPERES 1000 VOLTS, 50 WATTS Bipolar NPN Transistor
January, 2006 ??Rev. 2
logo
Micro Commercial Compon...
MJE13007 MCC-MJE13007 Datasheet
573Kb / 3P
NPN Power Transistor 8.0 Amperes 400 Volts 2 Watts
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com