Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MJE13007 Datasheet (PDF) - Micro Commercial Components

MJE13007 Datasheet PDF - Micro Commercial Components
Part # MJE13007
Download  MJE13007 Download
File Size   573.26 Kbytes
Page   3 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description NPN Power Transistor 8.0 Amperes 400 Volts 2 Watts

MJE13007 Datasheet (PDF)

Go To PDF Page Download Datasheet
MJE13007 Datasheet PDF - Micro Commercial Components

Part # MJE13007
Download  MJE13007 Click to download

File Size   573.26 Kbytes
Page   3 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description NPN Power Transistor 8.0 Amperes 400 Volts 2 Watts

MJE13007 Datasheet (HTML) - Micro Commercial Components


MJE13007 Product details

Features
• Halogen free available upon request by adding suffix "-HF"
• Lead Free Finish/RoHS Compliant(Note 1) ("P" Suffix designates
   RoHS Compliant. See ordering information)
• Power dissipation: 2W (TA=25℃)
• Collector current: 8A
• Operating and storage junction temperature range
   TJ, Tstg: -55℃ +150℃
• Epoxy meets UL 94 V-0 flammability rating
• Moisure Sensitivity Level 1
​​​​​​​• Mounting Torgue: 5 in-lbs Maximum




Similar Part No. - MJE13007

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
MJE13007 MOSPEC-MJE13007 Datasheet
192Kb / 4P
POWER TRANSISTORS(8A,300-400V,80W)
logo
Motorola, Inc
MJE13007 MOTOROLA-MJE13007 Datasheet
337Kb / 10P
POWER TRANSISTOR 8.0 AMPERES 400 VOLTS 80/40 WATTS
logo
ON Semiconductor
MJE13007 ONSEMI-MJE13007 Datasheet
337Kb / 10P
POWER TRANSISTOR
May, 2001 ??Rev. 3
logo
STMicroelectronics
MJE13007 STMICROELECTRONICS-MJE13007 Datasheet
29Kb / 4P
SILICON NPN SWITCHING TRANSISTOR
Jun-1998
logo
Wing Shing Computer Com...
MJE13007 WINGS-MJE13007 Datasheet
87Kb / 1P
NPN SILICON TRANSISTOR(ELECTRONIC TRANSFORMERS , POWER SWICHING CIRCUIT)
More results


Similar Description - MJE13007

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BUL147 MOTOROLA-BUL147 Datasheet
376Kb / 10P
POWER TRANSISTOR 8.0 AMPERES 700 VOLTS 45 and 125 WATTS
MJE13007 MOTOROLA-MJE13007 Datasheet
337Kb / 10P
POWER TRANSISTOR 8.0 AMPERES 400 VOLTS 80/40 WATTS
MJE18008 MOTOROLA-MJE18008 Datasheet
421Kb / 10P
POWER TRANSISTOR 8.0 AMPERES 1000 VOLTS 45 and 125 WATTS
MURH840CT MOTOROLA-MURH840CT Datasheet
78Kb / 4P
ULTRAFAST RECTIFIER 8.0 AMPERES 400 VOLTS
MURHB840CT MOTOROLA-MURHB840CT Datasheet
107Kb / 6P
ULTRAFAST RECTIFIER 8.0 AMPERES 400 VOLTS
logo
ON Semiconductor
BUL147 ONSEMI-BUL147 Datasheet
376Kb / 10P
POWER TRANSISTOR 8.0 AMPERES 700 VOLTS 45 and 125 WATTS
1995 REV 1
MURH840CT ONSEMI-MURH840CT Datasheet
51Kb / 4P
ULTRAFAST RECTIFIER 8.0 AMPERES, 400 VOLTS
August, 2006 ??Rev. 4
MURHB840CT ONSEMI-MURHB840CT_06 Datasheet
56Kb / 5P
ULTRAFAST RECTIFIER 8.0 AMPERES, 400 VOLTS
February, 2006 ??Rev. 4
logo
Micro Commercial Compon...
MJE13007F MCC-MJE13007F Datasheet
692Kb / 2P
NPN Power Transistor 8.0 A 400 Volts
MJE13007F MCC-MJE13007F_13 Datasheet
710Kb / 2P
NPN Power Transistor 8.0 A 400 Volts
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com