Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MJE13007F Datasheet (PDF) - Micro Commercial Components

MJE13007F Datasheet PDF - Micro Commercial Components
Part # MJE13007F
Download  MJE13007F Download
File Size   692.4 Kbytes
Page   2 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description NPN Power Transistor 8.0 A 400 Volts

MJE13007F Datasheet (PDF)

Go To PDF Page Download Datasheet
MJE13007F Datasheet PDF - Micro Commercial Components

Part # MJE13007F
Download  MJE13007F Click to download

File Size   692.4 Kbytes
Page   2 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description NPN Power Transistor 8.0 A 400 Volts

MJE13007F Datasheet (HTML) - Micro Commercial Components


MJE13007F Product details

Features
​​​​​​​• Halogen free available upon request by adding suffix "-HF"
• Power dissipation: 2W(Ta=25℃)
• Collector current: 8A
• Operating and storage junction temperature range TJ, Tstg: -55℃ +150℃
• Lead Free Finish/RoHS Compliant(Note 1)
   ("P" Suffix designates RoHS Compliant. See ordering information)
•  Epoxy meets UL 94 V-0 flammability rating
•  Moisure Sensitivity Level 1




Similar Part No. - MJE13007F

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
MJE13007F KEC-MJE13007F Datasheet
289Kb / 2P
TRIPLE DIFFUSED NPN TRANSISTOR (SWITCHING REGULATOR, HIGH VOLTAGE SWITCHING, HIGH SPEED DC-DC CONVERTER)
logo
Fairchild Semiconductor
MJE13007F FAIRCHILD-MJE13007F Datasheet
55Kb / 5P
High Voltage Switch Mode Application
logo
KEC(Korea Electronics)
MJE13007F KEC-MJE13007F Datasheet
31Kb / 3P
TO-220IS PACKAGE
MJE13007F KEC-MJE13007F Datasheet
355Kb / 2P
TRIPLE DIFFUSED NPN TRANSISTOR
logo
Micro Commercial Compon...
MJE13007F MCC-MJE13007F Datasheet
710Kb / 2P
NPN Power Transistor 8.0 A 400 Volts
More results


Similar Description - MJE13007F

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BU323AP MOTOROLA-BU323AP Datasheet
218Kb / 6P
DARLINGTON NPN SILICON POWER TRANSISTOR 400 VOLTS 125 WATTS
MJE13007 MOTOROLA-MJE13007 Datasheet
337Kb / 10P
POWER TRANSISTOR 8.0 AMPERES 400 VOLTS 80/40 WATTS
MURH840CT MOTOROLA-MURH840CT Datasheet
78Kb / 4P
ULTRAFAST RECTIFIER 8.0 AMPERES 400 VOLTS
MURHB840CT MOTOROLA-MURHB840CT Datasheet
107Kb / 6P
ULTRAFAST RECTIFIER 8.0 AMPERES 400 VOLTS
logo
ON Semiconductor
BU323AP ONSEMI-BU323AP Datasheet
201Kb / 6P
DARLINGTON NPN SILICON POWER TRANSISTOR 400 VOLTS 125 WATTS
1996 REV 8
MURH840CT ONSEMI-MURH840CT Datasheet
51Kb / 4P
ULTRAFAST RECTIFIER 8.0 AMPERES, 400 VOLTS
August, 2006 ??Rev. 4
MURHB840CT ONSEMI-MURHB840CT_06 Datasheet
56Kb / 5P
ULTRAFAST RECTIFIER 8.0 AMPERES, 400 VOLTS
February, 2006 ??Rev. 4
logo
Solid States Devices, I...
SFT6678 SSDI-SFT6678 Datasheet
39Kb / 2P
15 AMPS 400 Volts NPN High Speed Power Transistor
logo
Micro Commercial Compon...
MJE13007 MCC-MJE13007 Datasheet
573Kb / 3P
NPN Power Transistor 8.0 Amperes 400 Volts 2 Watts
MJE13007F MCC-MJE13007F_13 Datasheet
710Kb / 2P
NPN Power Transistor 8.0 A 400 Volts
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com