Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMD2016 Datasheet (PDF) - Fronter Electronics Co., Ltd.

SMD2016 Datasheet PDF - Fronter Electronics Co., Ltd.
Part # SMD2016
Download  SMD2016 Download
File Size   175.58 Kbytes
Page   2 Pages
Manufacturer  FRONTER [Fronter Electronics Co., Ltd.]
Direct Link  http://www.chinafronter.com
Logo FRONTER - Fronter Electronics Co., Ltd.
Description 4 Pad Version 2.0X1.6 mm

SMD2016 Datasheet (PDF)

Go To PDF Page Download Datasheet
SMD2016 Datasheet PDF - Fronter Electronics Co., Ltd.

Part # SMD2016
Download  SMD2016 Click to download

File Size   175.58 Kbytes
Page   2 Pages
Manufacturer  FRONTER [Fronter Electronics Co., Ltd.]
Direct Link  http://www.chinafronter.com
Logo FRONTER - Fronter Electronics Co., Ltd.
Description 4 Pad Version 2.0X1.6 mm

SMD2016 Datasheet (HTML) - Fronter Electronics Co., Ltd.




Similar Part No. - SMD2016

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SMD2016 LITTELFUSE-SMD2016 Datasheet
92Kb / 2P
These devices offer a wide range of hold currents from 0.3 A to 2.0 A and voltages form 6 V to 60 V.
logo
BRIGHTKING (SHENZHEN) C...
SMD2016 BRIGHTKING-SMD2016 Datasheet
474Kb / 8P
Positive Temperature Coefficient (PTC) Data Sheet
logo
YAGEO Corporation
SMD2016 YAGEO-SMD2016 Datasheet
490Kb / 10P
Positive Temperature Coefficient (PTC)
Nov. 05, 2024 V.5
logo
BRIGHTKING (SHENZHEN) C...
SMD2016B030TF BRIGHTKING-SMD2016B030TF Datasheet
474Kb / 8P
Positive Temperature Coefficient (PTC) Data Sheet
logo
YAGEO Corporation
SMD2016B030TF YAGEO-SMD2016B030TF Datasheet
490Kb / 10P
Positive Temperature Coefficient (PTC)
Nov. 05, 2024 V.5
More results


Similar Description - SMD2016

ManufacturerPart #DatasheetDescription
logo
Fronter Electronics Co....
OSC-SMD2520 FRONTER-OSC-SMD2520 Datasheet
148Kb / 2P
4 Pad Version 2.5x2.0 mm
OSC-SMD3225 FRONTER-OSC-SMD3225 Datasheet
146Kb / 2P
4 Pad Version 3.2x2.5 mm
SMD7X1.5 FRONTER-SMD7X1.5 Datasheet
172Kb / 2P
4 Pad Version 7.0x1.5 mm
SMD2520 FRONTER-SMD2520 Datasheet
175Kb / 2P
4 Pad Version 2.5x2.0 mm
SMD3225 FRONTER-SMD3225 Datasheet
175Kb / 2P
4 Pad Version 3.2x2.5 mm
SMD5032 FRONTER-SMD5032 Datasheet
176Kb / 2P
4 Pad Version 5.0x3.2 mm
SMD6035 FRONTER-SMD6035 Datasheet
177Kb / 2P
4 Pad Version 6.0x3.5 mm
SMD7050 FRONTER-SMD7050 Datasheet
175Kb / 2P
4 Pad Version 7.0x5.0 mm
VCTCXO-SMD3225 FRONTER-VCTCXO-SMD3225 Datasheet
155Kb / 2P
4 Pad Version 3.2x2.5 mm
VCTCXO-SMD5032 FRONTER-VCTCXO-SMD5032 Datasheet
171Kb / 2P
4 Pad Version 5.0x3.2 mm
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com