Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMD2016 Datasheet (PDF) - Littelfuse

SMD2016 Datasheet PDF - Littelfuse
Part # SMD2016
Download  SMD2016 Download
File Size   92.49 Kbytes
Page   2 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description These devices offer a wide range of hold currents from 0.3 A to 2.0 A and voltages form 6 V to 60 V.

SMD2016 Datasheet (PDF)

Go To PDF Page Download Datasheet
SMD2016 Datasheet PDF - Littelfuse

Part # SMD2016
Download  SMD2016 Click to download

File Size   92.49 Kbytes
Page   2 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description These devices offer a wide range of hold currents from 0.3 A to 2.0 A and voltages form 6 V to 60 V.

SMD2016 Datasheet (HTML) - Littelfuse




Similar Part No. - SMD2016

ManufacturerPart #DatasheetDescription
logo
Fronter Electronics Co....
SMD2016 FRONTER-SMD2016 Datasheet
175Kb / 2P
4 Pad Version 2.0X1.6 mm
logo
BRIGHTKING (SHENZHEN) C...
SMD2016 BRIGHTKING-SMD2016 Datasheet
474Kb / 8P
Positive Temperature Coefficient (PTC) Data Sheet
logo
YAGEO Corporation
SMD2016 YAGEO-SMD2016 Datasheet
490Kb / 10P
Positive Temperature Coefficient (PTC)
Nov. 05, 2024 V.5
logo
BRIGHTKING (SHENZHEN) C...
SMD2016B030TF BRIGHTKING-SMD2016B030TF Datasheet
474Kb / 8P
Positive Temperature Coefficient (PTC) Data Sheet
logo
YAGEO Corporation
SMD2016B030TF YAGEO-SMD2016B030TF Datasheet
490Kb / 10P
Positive Temperature Coefficient (PTC)
Nov. 05, 2024 V.5
More results


Similar Description - SMD2016

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SMD0603 LITTELFUSE-SMD0603 Datasheet
78Kb / 1P
These devices offer wide range in hold currents
SMD0805 LITTELFUSE-SMD0805 Datasheet
88Kb / 2P
These devices offer wide range in hold currents from 0.1 A to 1.0 A and voltages from 6 V to 15 V
SMD1210 LITTELFUSE-SMD1210 Datasheet
88Kb / 2P
This product line is designed for surface-mount applications with a range in hold currents from 50 mA to 1.5 A and voltages from 6 V to 30 V.
logo
Rohm
BD9302FP-E ROHM-BD9302FP-E Datasheet
756Kb / 17P
A wide input voltage range of 6 V to 18 V, Easy switching frequency setting in the range of 200 k to 2.5 MHz.
logo
Texas Instruments
SN74HC174DT TI-SN74HC174DT Datasheet
1Mb / 22P
Wide Operating Voltage Range of 2 V to 6 V
logo
Vishay Siliconix
SIC46X VISHAY-SIC46X Datasheet
1Mb / 29P
4.5 V to 60 V Input, 2 A, 4 A, 6 A, 10 A Synchronous Buck Regulators
16-Apr-18
logo
Maxim Integrated Produc...
MAX14919EVKIT MAXIM-MAX14919EVKIT Datasheet
989Kb / 12P
Robust Operation with a Wide Range of Input Voltages and Load Conditions
Rev 0; 11/20
MAX14919AEVKIT MAXIM-MAX14919AEVKIT Datasheet
823Kb / 12P
Robust Operation with a Wide Range of Input Voltages and Load Conditions
Rev 0; 7/21
logo
Vishay Siliconix
SIC464 VISHAY-SIC464_V01 Datasheet
748Kb / 28P
4.5 V to 60 V Input, 2 A, 4 A, 6 A, 10 A microBUCK® DC/DC Converter
29-Nov-2021
SIC466 VISHAY-SIC466 Datasheet
942Kb / 24P
4.5 V to 60 V Input, 2 A, 4 A, 6 A, 10 A microBUCK® DC/DC Converter
06-Dec-2021
More results




About Littelfuse


Littelfuse is an American company that specializes in the design and manufacture of circuit protection and control products.
The company was founded in 1927 and is headquartered in Chicago, Illinois.
Littelfuse provides a wide range of products including fuses, protection and control devices, and polymeric products.
The company's products are used in various applications such as automotive, industrial, and consumer electronics.
Littelfuse is known for its expertise in circuit protection and control technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its core business, Littelfuse also provides solutions for the renewable energy and data center markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com