Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BUV20 Datasheet (PDF) - ON Semiconductor

BUV20 Datasheet PDF - ON Semiconductor
Part # BUV20
Download  BUV20 Download
File Size   142.88 Kbytes
Page   4 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description SITCHMODE Series NPN Silicon Power Transistor

BUV20 Datasheet (PDF)

Go To PDF Page Download Datasheet
BUV20 Datasheet PDF - ON Semiconductor

Part # BUV20
Download  BUV20 Click to download

File Size   142.88 Kbytes
Page   4 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description SITCHMODE Series NPN Silicon Power Transistor

BUV20 Datasheet (HTML) - ON Semiconductor


BUV20 Product details

SWITCHMODE™ Series NPN Silicon Power Transistor

. . . designed for high speed, high current, high power applications.

• High DC current gain:
   hFE min = 20 at IC = 25 A
                 = 10 at IC = 50 A
• Low VCE(sat):
   VCE(sat) max. = 0.6 V at IC = 25 A
                           = 0.9 V at IC = 50 A
• Very fast switching times:
   TF = 0.25 µs at IC = 50 A




Similar Part No. - BUV20

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BUV20 MOTOROLA-BUV20 Datasheet
142Kb / 4P
50 AMPERES NPN SILICON POWER METAL TRANSISTOR 125 VOLTS 250 WATTS
logo
STMicroelectronics
BUV20 STMICROELECTRONICS-BUV20 Datasheet
41Kb / 4P
HIGH CURRENT NPN SILICON TRANSISTOR
Jan-2000
logo
Seme LAB
BUV20 SEME-LAB-BUV20 Datasheet
18Kb / 2P
NPN MULTI - EPITAXIAL POWER TRANSISTOR
logo
ON Semiconductor
BUV20 ONSEMI-BUV20 Datasheet
62Kb / 4P
SWITCHMODE Series NPN Silicon Power Transistor
May, 2001 ??Rev. 10
logo
New Jersey Semi-Conduct...
BUV20 NJSEMI-BUV20 Datasheet
75Kb / 2P
NPN MULTI - EPITAXIAL POWER TRANSISTOR
More results


Similar Description - BUV20

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BUS98 ONSEMI-BUS98 Datasheet
324Kb / 8P
SITCHMODE Series NPN Silicon Power Transistors
1995 REV 7
BUV11 ONSEMI-BUV11 Datasheet
138Kb / 4P
SITCHMODE Series NPN Silicon Power Transistor
1995 REV 7
BUV21 ONSEMI-BUV21 Datasheet
139Kb / 4P
SITCHMODE Series NPN Silicon Power Transistor
1995 REV 7
BUV22 ONSEMI-BUV22 Datasheet
137Kb / 4P
SITCHMODE Series NPN Silicon Power Transistor
REV 7
BUV48 ONSEMI-BUV48 Datasheet
280Kb / 8P
SITCHMODE II Series NPN Silicon Power Transistors
1996 REV 8
BUX48 ONSEMI-BUX48 Datasheet
325Kb / 8P
SITCHMODE II Series NPN Silicon Power Transistors
REV 7
BUV22 ONSEMI-BUV22_06 Datasheet
70Kb / 4P
SWITCHMODE Series NPN Silicon Power Transistor
February, 2006 ??Rev. 10
logo
M/A-COM Technology Solu...
MRF10031 MA-COM-MRF10031 Datasheet
195Kb / 5P
Microwave Power Silicon NPN Transistor Microwave Power Silicon NPN Transistor
logo
New Jersey Semi-Conduct...
BUV26 NJSEMI-BUV26 Datasheet
132Kb / 3P
Switchmode Series NPN Silicon Power Transistor
logo
ON Semiconductor
BUV21 ONSEMI-BUV21_13 Datasheet
114Kb / 4P
SWITCHMODE Series NPN Silicon Power Transistor
December, 2013 ??Rev. 11
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com